Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F011ASH020SC Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z8F011ASH020SC
Description  Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F011ASH020SC Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z8F011ASH020SC Datasheet HTML 9Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 10Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 11Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 12Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 13Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 14Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 15Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 16Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 276 page
background image
PS022815-0206
List of Figures
Z8 Encore! XP® 4K Series
Product Specification
xiii
List of Figures
Figure 1. Z8 Encore! XP® 4K Series Block Diagram . . . . . . . . . . . . . . . . . . . . . 3
Figure 2. Z8F04xA, Z8F02xA, and Z8F01xA in 8-Pin SOIC, QFN/MLF-S, or PDIP
Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 3. Z8F04xA, Z8F02xA, and Z8F01xA in 20-Pin SOIC, SSOP or PDIP Pack-
age . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 4. Z8F04xA, Z8F02xA, and Z8F01xA in 28-Pin SOIC, SSOP or PDIP Pack-
age . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 5. Power-On Reset Operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 6. Voltage Brown-Out Reset Operation . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 7. GPIO Port Pin Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 8. Interrupt Controller Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
Figure 9. Timer Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
Figure 10. UART Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90
Figure 11. UART Asynchronous Data Format without Parity . . . . . . . . . . . . . . 91
Figure 12. UART Asynchronous Data Format with Parity . . . . . . . . . . . . . . . . . 91
Figure 13. UART Asynchronous MULTIPROCESSOR Mode Data Format . . . 95
Figure 14. UART Driver Enable Signal Timing (shown with 1 Stop Bit and Parity)
97
Figure 15. UART Receiver Interrupt Service Routine Flow . . . . . . . . . . . . . . . . 99
Figure 16. Infrared Data Communication System Block Diagram . . . . . . . . . 109
Figure 17. Infrared Data Transmission . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110
Figure 18. IrDA Data Reception . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 111
Figure 19. Analog-to-Digital Converter Block Diagram . . . . . . . . . . . . . . . . . . 114
Figure 20. Comparator Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 130
Figure 21. Flash Memory Arrangement . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 137
Figure 22. Flash Controller Operation Flow Chart . . . . . . . . . . . . . . . . . . . . . . 139
Figure 23. On-Chip Debugger Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . 167
Figure 24. Interfacing the On-Chip Debugger’s DBG Pin with an RS-232 Interface
(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com