Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE334 Datasheet(PDF) 1 Page - Analog Devices

Part # ADATE334
Description  2.3 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE334 Datasheet(HTML) 1 Page - Analog Devices

  ADATE334 Datasheet HTML 1Page - Analog Devices ADATE334 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.3 GHz Dual Integrated DCL with PPMU, Level
Setting DACs, and On-Chip Calibration Registers
Data Sheet
ADATE334
Rev. Sp0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsof third parties that may result fromits use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2021 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
2.3 GHz, 4.6 Gbps maximum toggle rate
DCL disable mode (low leakage typically <5 nA)
2 W power dissipation per channel (high voltage driver
active)
Integrated 16-bit DACs with offset and gain correction
High voltage driver
3-level driver with high-Z and reflection clamps
Voltage range: −1.5 V to +7.0 V
Precision trimmed output resistance
Functional amplitude (VIH − VIL, unterminated swing):
0.05 V (minimum) to 8.5 V (maximum)
400 ps minimum pulse width, 2.0 V programmed swing
25 ps deterministic jitter, 1 ps random jitter
Low voltage driver
Multilevel voltage range: −1.5 V to +6.5 V
Terminated swings of 25 mV p-p to 600 mV p-p into 50 Ω
215 ps minimum pulse width, 1.2 V programmed swing
20 ps deterministic jitter, 1 ps random jitter
Comparator
Normal window (NWC), differential mode (DMC), and zero-
crossing (ZCC)
Voltage range: −1.5 V to +6.5 V
<60 ps ERT/EFT NWC 1.0V, terminated
Active load: ±25 mA current range
Per pin PPMU
Force voltage and compliance range: −1.5 V to +6.5 V
5 current ranges (Range A to Range E)
±
60 mA, ±1 mA, ±100 μA, ±10 µA, and ±2 µA
Dedicated go/no go comparators
DC levels
Fully integrated and dedicated 16-bit DACs
On-chip gain and offset calibration registers with
automatic add/multiply function
On-chip temperature sensor, OVD alarms, temperature
alarm, and relay driver functions
9 mm × 9 mm, 121-ball CSP_BGA
APPLICATIONS
ATE
Semiconductor and board test systems
Instrumentation and characterization equipment
GENERAL DESCRIPTION
The ADATE334 is a complete dual-channel automatic test
equipment (ATE) solution that performs the pin electronics
functions of a driver, comparator, and active load (DCL), and a
four-quadrant per pin parametric measurement unit (PPMU).
Dedicated, 16-bit DACs with on-chip calibration registers
provide all necessary dc levels for device operation.
The high voltage driver features three active states: high mode,
low mode, and terminate mode, as well as a high impedance
inhibit state. The inhibit state, in conjunction with the integrated
dynamic clamps, facilitates significant attenuation of transmission
line reflections when the driver is not actively terminating the
line. The open-circuit drive capability is −1.5 V to +7.0 V to
accommodate a wide range of ATE and instrumentation
applications.
The low voltage driver, working in conjunction with the high
voltage driver, can provide 25 mV p-p to 600 mV p-p signals at
up to 4.6 Gbps in a 50 Ω environment.
The ADATE334 can be used either as a dual, single-ended pin
electronics channel or as a single differential channel. In addition
to per-channel, high speed window comparators, the ADATE334
provides a programmable threshold differential comparator for
differential ATE applications and a zero-crossing comparator.
All dc levels for DCL and PPMU functions are generated by
dedicated, on-chip, 16-bit DACs. To facilitate accurate level
programming, the ADATE334 includes an integrated calibration
function that corrects gain and offset errors of each functional
block. Correction coefficients can be stored on-chip, and any
values written to the DACs automatically adjust using the
appropriate correction factors.
The ADATE334 uses a serial programmable interface (SPI) bus
to program all functional blocks, DACs, and on-chip calibration
constants. The ADATE334 has an on-chip temperature sensor to
monitor temperature and overvoltage and undervoltage alarms
that monitor and report any output pin or transient PPMU
voltage faults that can occur during operation. The ADATE334
also provides a per channel, open-drain relay driver.
For more information on the ADATE334, contact
ADATE334@anlaog.com.


Similar Part No. - ADATE334

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADATE302-02 AD-ADATE302-02 Datasheet
1Mb / 52P
500 MHz Dual Integrated DCL with Differential Drive/Receive, Level Setting DACs, and Per Pin PMU
REV. 0
ADATE302-02 AD-ADATE302-02 Datasheet
1Mb / 59P
500 MHz Dual Integrated DCL
23-Feb-2017
ADATE302-02 AD-ADATE302-02 Datasheet
1Mb / 58P
00 MHz Dual Integrated DCL with Differential Drive/Receive, Level Setting DACs, and Per Pin PMU
Rev. A
ADATE302-02BBCZ AD-ADATE302-02BBCZ Datasheet
1Mb / 52P
500 MHz Dual Integrated DCL with Differential Drive/Receive, Level Setting DACs, and Per Pin PMU
REV. 0
ADATE302-02BBCZ AD-ADATE302-02BBCZ Datasheet
1Mb / 59P
500 MHz Dual Integrated DCL
23-Feb-2017
More results

Similar Description - ADATE334

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5522 AD-AD5522 Datasheet
549Kb / 45P
Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
AD5522 AD-AD5522_07 Datasheet
561Kb / 48P
Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
AD5522 AD-AD5522_08 Datasheet
1Mb / 60P
Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
REV. A
ADATE302-02 AD-ADATE302-02 Datasheet
1Mb / 52P
500 MHz Dual Integrated DCL with Differential Drive/Receive, Level Setting DACs, and Per Pin PMU
REV. 0
ADATE304 AD-ADATE304 Datasheet
1Mb / 52P
200 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
REV. 0
ADATE305 AD-ADATE305 Datasheet
1Mb / 56P
250 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
REV. 0
ADATE318 AD-ADATE318 Datasheet
1Mb / 80P
600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
REV. 0
AD5522 AD-AD5522_17 Datasheet
1Mb / 65P
Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
23-Feb-2017
ADATE320 AD-ADATE320 Datasheet
2Mb / 83P
1.25 GHz Dual Integrated DCL
23-Feb-2017
ADATE324 AD-ADATE324 Datasheet
89Kb / 2P
1.6 GHz Quad Integrated DCL with VHH Drive Capability, Level Setting DACs, and
Rev. Sp0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com