Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS6830 Datasheet(PDF) 1 Page - Analog Devices

Part # ADBMS6830
Description  16-Channel Multicell Battery Monitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS6830 Datasheet(HTML) 1 Page - Analog Devices

  ADBMS6830 Datasheet HTML 1Page - Analog Devices ADBMS6830 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data Sheet
ADBMS6830
16-Channel Multicell Battery Monitor
Rev. Sp0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
Measures up to 16 battery cells in series
Maximum lifetime TME: ±1.8 mV at 3.3 V per cell (–40°C to
+125°C)
Simultaneous and continuous measurement of cell voltages
Configurable integrated low-pass filtering
Stackable architecture for high voltage battery packs
Built-in isoSPI interface
2 Mbps isolated serial communications
Uses a single twisted pair, up to 20 meters per segment
Low EMI susceptibility and emissions
Bidirectional for broken wire protection
Capacitor or transformer coupled
Hot plug tolerant without external protection
Passive cell balancing up to 300 mA per channel with program-
mable pulse-width modulation
Up to 10 general-purpose analog inputs or digital I/O
Temperature or other sensor inputs
Configurable as an I2C or SPI master
LPCM for cell and temperature monitoring in key-off state
4 μA sleep mode supply current
Provisions for bus bars
AEC-Q100 qualified for automotive applications
APPLICATIONS
Electric and hybrid electric vehicles
Backup battery systems
Grid energy storage
TYPICAL APPLICATION CIRCUIT
Figure 1.
GENERAL DESCRIPTION
The ADBMS6830 is a multicell battery stack monitor that measures
up to 16 series connected battery cells with a lifetime total meas-
urement error (TME) of less than 2 mV over the full temperature
range. The measurement input range of −2 V to +5.5 V makes
the ADBMS6830 suitable for most battery chemistries and allows
measurement of voltages across bus bars. Provisions are made for
bypassing bus bars without dedicating any measurement channels.
All cells can be measured simultaneously and redundantly with
two individual analog-to-digital converters (ADCs). The continuously
operating ADCs with a high sampling rate of 4.096 MHz allow
reduced external analog filtering and aliasing free measurement
results. Higher noise reduction can be achieved by subsequent
programmable infinite impulse response (IIR) filters.
Multiple ADBMS6830s can be connected in series, permitting si-
multaneous cell monitoring of long, high voltage battery strings.
Each ADBMS6830 has an isolated serial port interface (isoSPI)
for high speed, RF immune, long distance communications. Multiple
devices are connected in a daisy chain with one host processor
connection. This daisy chain can be operated bidirectionally, ensur-
ing communication integrity even in the event of a fault along the
communication path.
The ADBMS6830 can be powered from the battery stack or an
isolated supply. The ADBMS6830 includes passive balancing with
individual pulse-width modulation (PWM) duty cycle control and up
to 300 mA discharge current for each cell. Other features include
an on-board 5 V regulator, up to 10 general-purpose inputs/outputs,
and a sleep mode, where current consumption is reduced to 4 µA.
For more information on the ADBMS6830, see the ADBMS6830
product page.


Similar Part No. - ADBMS6830

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADBMS6830 AD-ADBMS6830 Datasheet
149Kb / 2P
16-Channel Multicell Battery Monitor
Rev. SpE
ADBMS6830B AD-ADBMS6830B Datasheet
2Mb / 83P
16-Channel Multicell Battery Monitor
Rev. 0
ADBMS6830BCSWZ AD-ADBMS6830BCSWZ Datasheet
2Mb / 83P
16-Channel Multicell Battery Monitor
Rev. 0
ADBMS6830BCSWZ-RL AD-ADBMS6830BCSWZ-RL Datasheet
2Mb / 83P
16-Channel Multicell Battery Monitor
Rev. 0
ADBMS6830 AD-ADBMS6830_V01 Datasheet
149Kb / 2P
16-Channel Multicell Battery Monitor
Rev. SpE
More results

Similar Description - ADBMS6830

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6802-1 LINER-LTC6802-1 Datasheet
262Kb / 32P
Multicell Battery Stack Monitor
LTC6803-1 LINER-LTC6803-1_15 Datasheet
427Kb / 40P
Multicell Battery Stack Monitor
LTC6803-2 LINER-LTC6803-2_15 Datasheet
409Kb / 40P
Multicell Battery Stack Monitor
LTC6803-3 LINER-LTC6803-3_15 Datasheet
427Kb / 40P
Multicell Battery Stack Monitor
LTC6803-4 LINER-LTC6803-4_15 Datasheet
409Kb / 40P
Multicell Battery Stack Monitor
LTC6813-1 LINER-LTC6813-1 Datasheet
1Mb / 86P
Multicell Battery Monitor
logo
Analog Devices
ADBMS6817 AD-ADBMS6817 Datasheet
72Kb / 2P
Multicell Battery Monitor
ADBMS6815 AD-ADBMS6815 Datasheet
120Kb / 2P
12-Channel Multicell Battery Monitor
ADBMS6816 AD-ADBMS6816 Datasheet
247Kb / 2P
Multicell Battery Monitor
ADBMS6817M AD-ADBMS6817M Datasheet
185Kb / 2P
8-Channel Multicell Battery Monitor
Rev. Sp0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com