Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D161DB12PI Datasheet(PDF) 56 Page - Advanced Micro Devices

Part # D161DB12PI
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

D161DB12PI Datasheet(HTML) 56 Page - Advanced Micro Devices

Back Button D161DB12PI Datasheet HTML 49Page - Advanced Micro Devices D161DB12PI Datasheet HTML 50Page - Advanced Micro Devices D161DB12PI Datasheet HTML 51Page - Advanced Micro Devices D161DB12PI Datasheet HTML 52Page - Advanced Micro Devices D161DB12PI Datasheet HTML 53Page - Advanced Micro Devices D161DB12PI Datasheet HTML 54Page - Advanced Micro Devices D161DB12PI Datasheet HTML 55Page - Advanced Micro Devices D161DB12PI Datasheet HTML 56Page - Advanced Micro Devices D161DB12PI Datasheet HTML 57Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 56 / 57 page
background image
56
Am29DL16xD
May 26, 2004
Revision D (February 22, 2000)
Global
The Am29DL16x family has migrated to a new 0.23
µm process technology, which is indicated by a “D” in
the ordering part number. All references in this docu-
ment have been changed to reflect the new process.
Distinctive Characteristics
Under “Performance Characteristics,” the typical accel-
erated programming time was changed to match the
AC tables.
AC Characteristics
Figure 17, Program Operations Timing; Figure 19,
Chip/Sector Erase Operations: Deleted t
GHWL and
changed OE# waveform to start at high.
Erase and Program Operations table; Alternate CE#
Controlled Erase and Program Operations table:
Changed the typical and maximum specifications for
programming time.
Erase and Programming Performance
In the table, changed the typical and maximum specifi-
cations for programming time. The typical and maxi-
mum chip programming times in both byte and word
modes are reduced.
Physical Dimensions
Replaced figures with more detailed illustrations.
Revision D+1 (June 21, 2000)
Global
Data sheet designation has changed from “Advance
Information” to “Preliminary.”
Deleted references to the 56-pin SSOP and the corre-
sponding 70R speed option.
Ordering Information
Added valid combinations for the Am29DL164D device
in TSOP. Added v a li d c o mbinations f o r the
Am29DL162D devices in TSOP and FBGA packages.
D e let ed v a lid c o mbinations f o r the 80 ns
Am29DL164D device in FBGA package.
Device Bus Operations
Table 3, Sector Addresses for Top Boot Sector De-
vices: In note below table, corrected last device part
number to top boot.
Table 7, Autoselect Codes: The SecSi Sector Indicator
Bit values have changed from 80h and 00h to 81h and
01h, respectively.
Command Definitions
Table 14, Command Definitions: The SecSi Sector In-
dicator Bit values have changed from 80h and 00h to
81h and 01h, respectively.
AC Characteristics
Read-only Operations table: Changed parameter t
DF to
16 ns for all speed options. Added Note 3.
Revision D+2 (September 4, 2000)
Deleted remaining references to 80 ns speed option,
which was officially removed in Revision D+1. Cor-
rected references to Am29DL16xC, which officially
changed to Am29DL16xD in Revision D.
Revision D+3 (November 22, 2000)
Global
Deleted Preliminary status from document. Added
table of contents.
Revision E (July 2, 2001)
Added Am29DL161D device to data sheet. Deleted
extended temperature range devices.
Sector/Sector Block Protection and Unprotection
Noted that sectors are unprotected in parallel.
SecSi‰ (Secured Silicon) Sector Flash
Memory Region
Noted changes for upcoming versions of these de-
vices: reduced SecSi Sector size and deletion of
SecSi Sector erase functionality. Current versions of
these devices remain unaffected.
Revision E+1 (July 29, 2002)
Global
Added 64-ball Fortified BGA package.
Command Definitions
Modified caution to state that incorrect command/se-
quences may place device in unknown state, upon
which device must be reset.
Unlock Bypass Command Sequence; Command
Definitions table
Corrected table and description to indicated that bank
address is not required for unlock bypass reset.
Package Capacitance
Added BGA capacitance specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com