Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D161DB12PI Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # D161DB12PI
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

D161DB12PI Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button D161DB12PI Datasheet HTML 10Page - Advanced Micro Devices D161DB12PI Datasheet HTML 11Page - Advanced Micro Devices D161DB12PI Datasheet HTML 12Page - Advanced Micro Devices D161DB12PI Datasheet HTML 13Page - Advanced Micro Devices D161DB12PI Datasheet HTML 14Page - Advanced Micro Devices D161DB12PI Datasheet HTML 15Page - Advanced Micro Devices D161DB12PI Datasheet HTML 16Page - Advanced Micro Devices D161DB12PI Datasheet HTML 17Page - Advanced Micro Devices D161DB12PI Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
14
Am29DL16xD
May 26, 2004
30 ns. The automatic sleep mode is independent of
the CE#, WE#, and OE# control signals. Standard ad-
dres s ac c e s s t i mings pro v ide new dat a when
addresses are changed. While in sleep mode, output
data is latched and always available to the system.
I
CC4 in the DC Characteristics table represents the
automatic sleep mode current specification.
RESET#: Hardware Reset Pin
The RESET# pin provides a hardware method of re-
setting the device to reading array data. When the
RESET# pin is driven low for at least a period of t
RP,
the device immediately terminates any operation in
progress, tristates all output pins, and ignores all
read/write commands for the duration of the RESET#
pulse. The device also resets the internal state ma-
chine to reading array data. The operation that was
interrupted should be reinitiated once the device is
ready to accept another command sequence, to en-
sure data integrity.
Current is reduced for the duration of the RESET#
pulse. When RESET# is held at V
SS±0.3 V, the device
draws CMOS standby current (I
CC4). If RESET# is held
at V
IL but not within VSS±0.3 V, the standby current will
be greater.
The RESET# pin may be tied to the system reset cir-
cuitry. A system reset would thus also reset the Flash
memory, enabling the system to read the boot-up firm-
ware from the Flash memory.
If RESET# is asserted during a program or erase op-
eration, the RY/BY# pin remains a “0” (busy) until the
internal reset operation is complete, which requires a
time of t
READY (during Embedded Algorithms). The sys-
tem can thus monitor RY/BY# to determine whether
the reset operation is complete. If RESET# is asserted
when a program or erase operation is not executing
(RY/BY# pin is “1”), the reset operation is completed
within a time of t
READY (not during Embedded Algo-
rithms). The system can read data t
RH after th e
RESET# pin returns to V
IH.
Refer to the AC Characteristics tables for RESET# pa-
rameters and to Figure 14 for the timing diagram.
Output Disable Mode
When the OE# input is at V
IH, output from the device is
disabled. The output pins are placed in the high
impedance state.
Table 2.
Am29DL16xD Device Bank Divisions
Device
Part Number
Bank 1
Bank 2
Megabits
Sector Sizes
Megabits
Sector Sizes
Am29DL161D
0.5 Mbit
Eight 8 Kbyte/4 Kword
15.5 Mbit
Thirty-one
64 Kbyte/32 Kword
Am29DL162D
2 Mbit
Eight 8 Kbyte/4 Kword,
three 64 Kbyte/32 Kword
14 Mbit
Twenty-eight
64 Kbyte/32 Kword
Am29DL163D
4 Mbit
Eight 8 Kbyte/4 Kword,
seven 64 Kbyte/32 Kword
12 Mbit
Twenty-four
64 Kbyte/32 Kword
Am29DL164D
8 Mbit
Eight 8 Kbyte/4 Kword,
fifteen 64 Kbyte/32 Kword
8 Mbit
Sixteen
64 Kbyte/32 Kword



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com