Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D161DB12PI Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # D161DB12PI
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

D161DB12PI Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button D161DB12PI Datasheet HTML 9Page - Advanced Micro Devices D161DB12PI Datasheet HTML 10Page - Advanced Micro Devices D161DB12PI Datasheet HTML 11Page - Advanced Micro Devices D161DB12PI Datasheet HTML 12Page - Advanced Micro Devices D161DB12PI Datasheet HTML 13Page - Advanced Micro Devices D161DB12PI Datasheet HTML 14Page - Advanced Micro Devices D161DB12PI Datasheet HTML 15Page - Advanced Micro Devices D161DB12PI Datasheet HTML 16Page - Advanced Micro Devices D161DB12PI Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
May 26, 2004
Am29DL16xD
13
addresses on the device address inputs produce valid
data on the device data outputs. Each bank remains
enabled for read access until the command register
contents are altered.
See “Requirements for Reading Array Data” for more
information. Refer to the AC Read-Only Operations
table for timing specifications and to Figure 13 for the
timing diagram. I
CC1 in the DC Characteristics table
represents the active current specification for reading
array data.
Writing Commands/Command Sequences
To write a command or command sequence (which in-
cludes programming data to the device and erasing
sectors of memory), the system must drive WE# and
CE# to V
IL, and OE# to VIH.
For program operations, the BYTE# pin determines
whether the device accepts program data in bytes or
words. Refer to “Word/Byte Configuration” for more
information.
The device features an Unlock Bypass mode to facili-
tate faster programming. Once a bank enters the
Unlock Bypass mode, only two write cycles are re-
quired to program a word or byte, instead of four. The
“Word/Byte Configuration” section has details on pro-
gramming data to the device using both standard and
Unlock Bypass command sequences.
An erase operation can erase one sector, multiple sec-
tors, or the entire device. Tables 3–6 indicate the
address space that each sector occupies. The device
address space is divided into two banks: Bank 1 con-
tains the boot/parameter sectors, and Bank 2 contains
the larger, code sectors of uniform size. A “bank ad-
dress” is the address bits required to uniquely select a
bank. Similarly, a “sector address” is the address bits
required to uniquely select a sector.
I
CC2 in the DC Characteristics table represents the ac-
tive current specification for the write mode. The AC
Characteristics section contains timing specification
tables and timing diagrams for write operations.
Accelerated Program Operation
The device offers accelerated program operations
through the ACC function. This is one of two functions
provided by the WP#/ACC pin. This function is prima-
rily intended to allow faster manufacturing throughput
at the factory.
If the system asserts V
HH on this pin, the device auto-
matically enters the aforementioned Unlock Bypass
mode, temporarily unprotects any protected sectors,
and uses the higher voltage on the pin to reduce the
time required for program operations. The system
would use a two-cycle program command sequence
as required by the Unlock Bypass mode. Removing
V
HH from the WP#/ACC pin returns the device to nor-
mal operation. Note that the WP#/ACC pin must not be
at V
HH for operations other than accelerated program-
ming, or device damage may result. In addition, the
WP#/ACC pin must not be left floating or unconnected;
inconsistent behavior of the device may result.
Autoselect Functions
If the system writes the autoselect command se-
quence, the device enters the autoselect mode. The
system can then read autoselect codes from the inter-
nal register (which is separate from the memory array)
on DQ7–DQ0. Standard read cycle timings apply in
this mode. Refer to the Autoselect Mode and Autose-
lec t Co mmand S eque nc e s e c t ion s f o r mo re
information.
Simultaneous Read/Write Operations with
Zero Latency
This device is capable of reading data from one bank
of memory while programming or erasing in the other
bank of memory. An erase operation may also be sus-
pended to read from or program to another location
with in the same ba nk (except the sector b ein g
erased). Figure 20 shows how read and write cycles
may be initiated for simultaneous operation with zero
latency. I
CC6 and ICC7 in the DC Characteristics table
represent the current specifications for read-while-pro-
gram and read-while-erase, respectively.
Standby Mode
When the system is not reading or writing to the de-
vice, it can place the device in the standby mode. In
this mode, current consumption is greatly reduced,
and the outputs are placed in the high impedance
state, independent of the OE# input.
The device enters the CMOS standby mode when the
CE# and RESET# pins are both held at V
CC ± 0.3 V.
(Note that this is a more restricted voltage range than
V
IH.) If CE# and RESET# are held at VIH, but not within
V
CC ± 0.3 V, the device will be in the standby mode,
but the standby current will be greater. The device re-
quires standard access time (t
CE) for read access
when the device is in either of these standby modes,
before it is ready to read data.
If the device is deselected during erasure or program-
ming , the device draws a ctive current until th e
operation is completed.
I
CC3 in the DC Characteristics table represents the
standby current specification.
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device en-
ergy consumption. The device automatically enables
this mode when addresses remain stable for t
ACC +



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com