Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D162DB12PI Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # D162DB12PI
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

D162DB12PI Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button D162DB12PI Datasheet HTML 12Page - Advanced Micro Devices D162DB12PI Datasheet HTML 13Page - Advanced Micro Devices D162DB12PI Datasheet HTML 14Page - Advanced Micro Devices D162DB12PI Datasheet HTML 15Page - Advanced Micro Devices D162DB12PI Datasheet HTML 16Page - Advanced Micro Devices D162DB12PI Datasheet HTML 17Page - Advanced Micro Devices D162DB12PI Datasheet HTML 18Page - Advanced Micro Devices D162DB12PI Datasheet HTML 19Page - Advanced Micro Devices D162DB12PI Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
16
Am29DL16xD
May 26, 2004
Table 5.
Sector Addresses for Bottom Boot Sector Devices
Note: The address range is A19:A-1 in byte mode (BYTE#=V
IL) or A19:A0 in word mode (BYTE#=VIH). The bank address bits are A19–A15 for
Am29DL161DB, A19–A17 for Am29DL162DB, A19 and A18 for Am29DL163DB
, and A19 for Am29DL164DB.
Table 6.
SecSi
™ Addresses for Bottom Boot Devices
Sector
Sector Address
A19–A12
Sector Size
(Kbytes/Kwords)
(x8)
Address Range
(x16)
Address Range
SA0
00000000
8/4
000000h-001FFFh
00000h-00FFFh
SA1
00000001
8/4
002000h-003FFFh
01000h-01FFFh
SA2
00000010
8/4
004000h-005FFFh
02000h-02FFFh
SA3
00000011
8/4
006000h-007FFFh
03000h-03FFFh
SA4
00000100
8/4
008000h-009FFFh
04000h-04FFFh
SA5
00000101
8/4
00A000h-00BFFFh
05000h-05FFFh
SA6
00000110
8/4
00C000h-00DFFFh
06000h-06FFFh
SA7
00000111
8/4
00E000h-00FFFFh
07000h-07FFFh
SA8
00001XXX
64/32
010000h-01FFFFh
08000h-0FFFFh
SA9
00010XXX
64/32
020000h-02FFFFh
10000h-17FFFh
SA10
00011XXX
64/32
030000h-03FFFFh
18000h-1FFFFh
SA11
00100XXX
64/32
040000h-04FFFFh
20000h-27FFFh
SA12
00101XXX
64/32
050000h-05FFFFh
28000h-2FFFFh
SA13
00110XXX
64/32
060000h-06FFFFh
30000h-37FFFh
SA14
00111XXX
64/32
070000h-07FFFFh
38000h-3FFFFh
SA15
01000XXX
64/32
080000h-08FFFFh
40000h-47FFFh
SA16
01001XXX
64/32
090000h-09FFFFh
48000h-4FFFFh
SA17
01010XXX
64/32
0A0000h-0AFFFFh
50000h-57FFFh
SA18
01011XXX
64/32
0B0000h-0BFFFFh
58000h-5FFFFh
SA19
01100XXX
64/32
0C0000h-0CFFFFh
60000h-67FFFh
SA20
01101XXX
64/32
0D0000h-0DFFFFh
68000h-6FFFFh
SA21
01110XXX
64/32
0E0000h-0EFFFFh
70000h-77FFFh
SA22
01111XXX
64/32
0F0000h-0FFFFFh
78000h-7FFFFh
SA23
10000XXX
64/32
100000h-10FFFFh
80000h-87FFFh
SA24
10001XXX
64/32
110000h-11FFFFh
88000h-8FFFFh
SA25
10010XXX
64/32
120000h-12FFFFh
90000h-97FFFh
SA26
10011XXX
64/32
130000h-13FFFFh
98000h-9FFFFh
SA27
10100XXX
64/32
140000h-14FFFFh
A0000h-A7FFFh
SA28
10101XXX
64/32
150000h-15FFFFh
A8000h-AFFFFh
SA29
10110XXX
64/32
160000h-16FFFFh
B0000h-B7FFFh
SA30
10111XXX
64/32
170000h-17FFFFh
B8000h-BFFFFh
SA31
11000XXX
64/32
180000h-18FFFFh
C0000h-C7FFFh
SA32
11001XXX
64/32
190000h-19FFFFh
C8000h-CFFFFh
SA33
11010XXX
64/32
1A0000h-1AFFFFh
D0000h-D7FFFh
SA34
11011XXX
64/32
1B0000h-1BFFFFh
D8000h-DFFFFh
SA35
11100XXX
64/32
1C0000h-1CFFFFh
E0000h-E7FFFh
SA36
11101XXX
64/32
1D0000h-1DFFFFh
E8000h-EFFFFh
SA37
11110XXX
64/32
1E0000h-1EFFFFh
F0000h-F7FFFh
SA38
11111XXX
64/32
1F0000h-1FFFFFh
F8000h-FFFFFh
Device
Sector Address
A19–A12
Sector
Size
(x8)
Address Range
(x16)
Address Range
Am29DL16xDB
00000XXX
64/32
000000h-00FFFFh
00000h-07FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com