Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D162DB12PI Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # D162DB12PI
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

D162DB12PI Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button D162DB12PI Datasheet HTML 13Page - Advanced Micro Devices D162DB12PI Datasheet HTML 14Page - Advanced Micro Devices D162DB12PI Datasheet HTML 15Page - Advanced Micro Devices D162DB12PI Datasheet HTML 16Page - Advanced Micro Devices D162DB12PI Datasheet HTML 17Page - Advanced Micro Devices D162DB12PI Datasheet HTML 18Page - Advanced Micro Devices D162DB12PI Datasheet HTML 19Page - Advanced Micro Devices D162DB12PI Datasheet HTML 20Page - Advanced Micro Devices D162DB12PI Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
May 26, 2004
Am29DL16xD
17
Autoselect Mode
The autoselect mode provides manufacturer and de-
vice identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equip-
men t t o aut o m at i c al ly ma tc h a de v i c e t o be
programmed with its corresponding programming al-
gorithm. However, the autoselect codes can also be
accessed in-system through the command register.
When using programming equipment, the autoselect
mode requires V
ID (8.5 V to 12.5 V) on address pin A9.
Address pins A6, A1, and A0 must be as shown in
Table 7. In addition, when verifying sector protection,
the sector address must appear on the appropriate
highest order address bits (see Tables 3–6). Table 7
shows the remaining address bits that are don’t care.
When all necessary bits have been set as required,
the programming equipment may then read the corre-
sponding identifier code on DQ7–DQ0.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in Table 14. This method
does not require V
ID. Refer to the Autoselect Com-
mand Sequence section for more information.
Table 7.
Am29DL16xD Autoselect Codes, (High Voltage Method)
Legend: T = Top Boot Block, B = Bottom Boot Block, L = Logic Low = V
IL, H = Logic High = VIH, BA = Bank Address, SA =
Sector Address, X = Don’t care.
Description
CE#
OE#
WE#
A19
to
A12
A11
to
A10
A9
A8
to
A7
A6
A5
to
A2
A1
A0
DQ8 to DQ15
DQ7
to
DQ0
BYTE#
= V
IH
BYTE#
= V
IL
Manufacturer ID: AMD
L
L
H
BA
X
V
ID
XL
XL
L
X
X
01h
Device ID: Am29DL161D
L
L
H
BA
X
V
ID
X
L
X
L
H
22h
X
36h (T), 39h (B)
Device ID: Am29DL162D
L
L
H
BA
X
V
ID
X
L
X
L
H
22h
X
2Dh (T), 2Eh (B)
Device ID: Am29DL163D
L
L
H
BA
X
V
ID
X
L
X
L
H
22h
X
28h (T), 2Bh (B)
Device ID: Am29DL164D
L
L
H
BA
X
V
ID
X
L
X
L
H
22h
X
33h (T), 35h (B)
Sector Protection
Verification
LL
H
SA
X
V
ID
XL
X
H
L
X
X
01h (protected),
00h (unprotected)
SecSi
™ Indicator Bit
(DQ7)
LL
H
BA
X
V
ID
XL
X
H
H
X
X
81h (factory locked),
01h (not factory
locked)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com