Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D162DB12PI Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # D162DB12PI
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

D162DB12PI Datasheet(HTML) 3 Page - Advanced Micro Devices

  D162DB12PI Datasheet HTML 1Page - Advanced Micro Devices D162DB12PI Datasheet HTML 2Page - Advanced Micro Devices D162DB12PI Datasheet HTML 3Page - Advanced Micro Devices D162DB12PI Datasheet HTML 4Page - Advanced Micro Devices D162DB12PI Datasheet HTML 5Page - Advanced Micro Devices D162DB12PI Datasheet HTML 6Page - Advanced Micro Devices D162DB12PI Datasheet HTML 7Page - Advanced Micro Devices D162DB12PI Datasheet HTML 8Page - Advanced Micro Devices D162DB12PI Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
This Data Sheet states AMD’s current technical specifications regarding the Products described herein. This Data
Sheet may be revised by subsequent versions or modifications due to changes in technical specifications.
Publication# 21533
Rev: E Amendment/+4
Issue Date: May 26, 2004
Refer to AMD’s Website (www.amd.com) for the latest information.
Am29DL16xD
16 Megabit (2 M x 8-Bit/1 M x 16-Bit)
CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
DISTINCTIVE CHARACTERISTICS
ARCHITECTURAL ADVANTAGES
■ Simultaneous Read/Write operations
— Data can be continuously read from one bank while
executing erase/program functions in other bank
— Zero latency between read and write operations
■ Multiple bank architectures
— Four devices available with different bank sizes (refer
to Table 2)
■ SecSi
™ (Secured Silicon) Sector
— Current version of device has 64 Kbytes; future
versions will have 256 bytes
—
Factory locked and identifiable: 16 bytes available for
secure, random factory Electronic Serial Number;
verifiable as factory locked through autoselect
function. ExpressFlash option allows entire sector to
be available for factory-secured data
—
Customer lockable: Can be read, programmed, or
erased just like other sectors. Once locked, data
cannot be changed
■ Zero Power Operation
— Sophisticated power management circuits reduce
power consumed during inactive periods to nearly
zero
■ Package options
— 48-ball Very Thin Profile Fine-pitch BGA
— 48-ball Fine-pitch BGA
— 64-ball Fortified BGA
— 48-pin TSOP
■ Top or bottom boot block
■ Manufactured on 0.23 µm process technology
— Compatible with Am29DL16xC devices
■ Compatible with JEDEC standards
— Pinout and software compatible with
single-power-supply flash standard
PERFORMANCE CHARACTERISTICS
■ High performance
— Access time as fast 70 ns
— Program time: 7 µs/word typical utilizing Accelerate function
■ Ultra low power consumption (typical values)
— 2 mA active read current at 1 MHz
— 10 mA active read current at 5 MHz
— 200 nA in standby or automatic sleep mode
■ Minimum 1 million write cycles guaranteed per sector
■ 20 Year data retention at 125
°C
— Reliable operation for the life of the system
SOFTWARE FEATURES
■ Data Management Software (DMS)
— AMD-supplied software manages data programming
and erasing, enabling EEPROM emulation
— Eases sector erase limitations
■ Supports Common Flash Memory Interface (CFI)
■ Erase Suspend/Erase Resume
— Suspends erase operations to allow programming in
same bank
■ Data# Polling and Toggle Bits
— Provides a software method of detecting the status of
program or erase cycles
■ Unlock Bypass Program command
— Reduces overall programming time when issuing
multiple program command sequences
HARDWARE FEATURES
■ Any combination of sectors can be erased
■ Ready/Busy# output (RY/BY#)
— Hardware method for detecting program or erase
cycle completion
■ Hardware reset pin (RESET#)
— Hardware method of resetting the internal state
machine to reading array data
■ WP#/ACC input pin
— Write protect (WP#) function allows protection of two
outermost boot sectors, regardless of sector protect status
— Acceleration (ACC) function accelerates program
timing
■ Sector protection
— Hardware method of locking a sector, either
in-system or using programming equipment, to
prevent any program or erase operation within that
sector
— Temporary Sector Unprotect allows changing data in
protected sectors in-system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com