Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 4 Page - Analog Devices

Part # LT8331
Description  Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 4 Page - Analog Devices

  LT8331 Datasheet HTML 1Page - Analog Devices LT8331 Datasheet HTML 2Page - Analog Devices LT8331 Datasheet HTML 3Page - Analog Devices LT8331 Datasheet HTML 4Page - Analog Devices LT8331 Datasheet HTML 5Page - Analog Devices LT8331 Datasheet HTML 6Page - Analog Devices LT8331 Datasheet HTML 7Page - Analog Devices LT8331 Datasheet HTML 8Page - Analog Devices LT8331 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT8334
4
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Frequency
vs Temperature
Switching Frequency vs VIN
Normalized Switching Frequency
vs FBX Voltage
Switch Current Limit
vs Duty Cycle
Switch Minimum On-Time
vs Temperature
Switch Minimum Off-Time
vs Temperature
FBX Positive Regulation Voltage
vs Temperature
FBX Negative Regulation Voltage
vs Temperature
EN/UVLO Pin Thresholds
vs Temperature
VIN = 12V
JUNCTION TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
1.568
1.576
1.584
1.592
1.600
1.608
1.616
1.624
1.632
8334 G01
VIN = 12V
JUNCTION TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
–0.820
–0.815
–0.810
–0.805
–0.800
–0.795
–0.790
–0.785
–0.780
8334 G02
EN/UVLO RISING (TURN-ON)
EN/UVLO FALLING (TURN-OFF)
JUNCTION TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
1.54
1.56
1.58
1.60
1.62
1.64
1.66
1.68
1.70
1.72
1.74
8334 G03
VIN = 12V
VIN = 12V
JUNCTION TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
1.90
1.92
1.94
1.96
1.98
2.00
2.02
2.04
2.06
2.08
2.10
8334 G04
VIN (V)
0
5
10
15
20
25
30
35
40
1.90
1.92
1.94
1.96
1.98
2.00
2.02
2.04
2.06
2.08
2.10
8334 G05
VIN = 12V
VOLTAGE (V)
–0.8
–0.4
0.0
0.4
0.8
1.2
1.6
0
25
50
75
100
125
8334 G06
VOUT = 24V
2MHz
300kHz
DUTY CYCLE (%)
0 10 20 30 40 50 60 70 80 90 100
5.0
5.3
5.6
5.9
6.2
6.5
6.8
7.1
7.4
7.7
8.0
8334 G07
VIN = 12V
JUNCTION TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
0
10
20
30
40
50
60
70
80
90
100
8334 G08
VIN = 12V
JUNCTION TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
0
10
20
30
40
50
60
70
80
90
100
8334 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com