Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 16 Page - Analog Devices

Part # LT8331
Description  Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT8331 Datasheet HTML 12Page - Analog Devices LT8331 Datasheet HTML 13Page - Analog Devices LT8331 Datasheet HTML 14Page - Analog Devices LT8331 Datasheet HTML 15Page - Analog Devices LT8331 Datasheet HTML 16Page - Analog Devices LT8331 Datasheet HTML 17Page - Analog Devices LT8331 Datasheet HTML 18Page - Analog Devices LT8331 Datasheet HTML 19Page - Analog Devices LT8331 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LT8334
16
Rev. 0
For more information www.analog.com
SEPIC CONVERTER APPLICATIONS
The LT8334 can be configured as a SEPIC (single-ended
primary inductance converter), as shown in Figure 6. This
topology allows for the input to be higher, equal, or lower
than the desired output voltage. The conversion ratio as
a function of duty cycle is given by Equation 17.
VOUT + VD
VIN
=
D
1
− D
(17)
in continuous conduction mode (CCM)
In a SEPIC converter, no DC path exists between the input
and output. This is an advantage over the boost converter
for applications requiring the output to be disconnected
from the input source when the circuit is in shutdown.
D1
CIN
L1
L2
CDC
COUT
VOUT
INTVCC GND
LT8334
EN/UVLO
FBX
VIN
SW
VIN
8334 F06
Figure 6. LT8334 Configured in a SEPIC Topology
SEPIC Converter: Switch Duty Cycle and Frequency
For a SEPIC converter operating in CCM, the duty cycle
of the main switch can be calculated based on the output
voltage (VOUT), the input voltage (VIN) and the diode for-
ward voltage (VD).
The maximum duty cycle (DMAX) occurs when the converter
operates at the minimum input voltage (Equation 18).
DMAX =
VOUT + VD
VIN(MIN) + VOUT + VD
(18)
Conversely, the minimum duty cycle (DMIN) occurs
when the converter operates at the maximum input volt-
age(Equation 19).
DMIN =
VOUT + VD
VIN(MAX) + VOUT + VD
(19)
Be sure to check that DMAX and DMIN obey Equation 20.
DMAX < 1 – Minimum Off-Time(MAX) • fOSC(MAX)
and
DMIN > Minimum On-Time(MAX) • fOSC(MAX)
(20)
where Minimum Off-Time, Minimum On-Time and fOSC
are specified in the Electrical Characteristics table.
SEPIC Converter: The Maximum Output Current
Capability and Inductor Selection
As shown in Figure 6, the SEPIC converter contains two
inductors: L1 and L2. L1 and L2 can be independent,
but can also be wound on the same core, since iden-
tical voltages are applied to L1 and L2 throughout the
switching cycle.
For the SEPIC topology, the current through L1 is the con-
verter input current. Because, ideally, the output power is
equal to the input power, the maximum average inductor
currents of L1 and L2 are given by Equation 21.
IL1(MAX)(AVG) = IIN(MAX)(AVG) = IO(MAX) •
DMAX
1
− DMAX
IL2(MAX)(AVG) = IO(MAX)
(21)
In a SEPIC converter, the switch current is equal to
IL1 + IL2 when the power switch is on, therefore, the
maximum average switch current is defined defined
with Equation 22.
ISW(MAX)(AVG) = IL1(MAX)(AVG) + IL2(MAX)(AVG)
= IO(MAX) •
1
1
− DMAX
(22)
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com