Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 6 Page - Analog Devices

Part # LT8331
Description  Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT8331 Datasheet HTML 2Page - Analog Devices LT8331 Datasheet HTML 3Page - Analog Devices LT8331 Datasheet HTML 4Page - Analog Devices LT8331 Datasheet HTML 5Page - Analog Devices LT8331 Datasheet HTML 6Page - Analog Devices LT8331 Datasheet HTML 7Page - Analog Devices LT8331 Datasheet HTML 8Page - Analog Devices LT8331 Datasheet HTML 9Page - Analog Devices LT8331 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT8334
6
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
NC (Pin 1): No Internal Connection. Leave this pin open.
EN/UVLO (Pin 2): Shutdown and Undervoltage Detect Pin.
The LT8334 is shut down when this pin is low and active
when this pin is high. Below an accurate 1.6V threshold,
the part enters undervoltage lockout and stops switching.
This allows an undervoltage lockout (UVLO) threshold to
be programmed for system input voltage by resistively
dividing down system input voltage to the EN/UVLO pin.
An 80mV pin hysteresis ensures part switching resumes
when the pin exceeds 1.68V. EN/UVLO pin voltage below
0.2V reduces VIN current below 1µA. If shutdown and
UVLO features are not required, the pin can be tied directly
to system input.
VIN (Pin 3): Input Supply. This pin must be locally
bypassed. Be sure to place the positive terminal of the
input capacitor as close as possible to the VIN pin, and
the negative terminal as close as possible to the exposed
pad PGND copper (near EN/UVLO).
INTVCC (Pin 4): Regulated 3.2V Supply for Internal Loads.
The INTVCC pin must be bypassed with a 1µF low ESR
ceramic capacitor to GND. No additional components or
loading is allowed on this pin. INTVCC draws power from
the BIAS pin if 4.4V ≤ BIAS ≤ VIN, otherwise INTVCC is
powered by the VIN pin.
BIAS (Pin 5): Second Input Supply for Powering INTVCC.
Removes the majority of INTVCC current from the VIN pin
to improve efficiency when 4.4V ≤ BIAS ≤ VIN. If unused,
tie the pin to GND.
VC (Pin 6): Error Amplifier Output Pin. Tie external com-
pensation network to this pin.
FBX (Pin 7): Voltage Regulation Feedback Pin for Positive
or Negative Outputs. Connect this pin to a resistor divider
between the output and the exposed pad GND copper
(near FBX). FBX reduces the switching frequency during
start-up and fault conditions when FBX is close to 0V.
RT (Pin 8): A resistor from this pin to the exposed pad
GND copper (near FBX) programs switching frequency.
SS (Pin 9): Soft-Start Pin. Connect a capacitor from this
pin to GND copper (near FBX) to control the ramp rate
of inductor current during converter start-up. SS pin
charging current is 2μA. An internal 220Ω MOSFET dis-
charges this pin during shutdown or fault conditions.
SYNC/MODE (Pin 10): This pin allows five selectable
modes for optimization of performance.
SYNC/MODE PIN INPUT
CAPABLE MODE(S) OF OPERATION
(1) GND or <0.14V
BURST
(2) External Clock
PULSE SKIP/SYNC
(3) 100k Resistor to GND
BURST/SSFM
(4) Float (Pin Open)
PULSE SKIP
(5) INTVCC or >1.7V
PULSE SKIP/SSFM
where the selectable modes of operation are:
BURST = low IQ, low output ripple operation at light loads
PULSE SKIP = skipped pulse(s) at light load (aligned to clock)
SYNC = switching frequency synchronized to external clock
SSFM = spread spectrum frequency modulation for low EMI
SW1, SW2 (SW) (Pins 11, 12): Output of the Internal
Power Switch. Minimize the metal trace area connected
to these pins to reduce EMI.
PGND, GND (Pin 13): Power Ground and Signal Ground
for the IC. The package has an exposed pad underneath
the IC which is the best path for heat out of the pack-
age. The pin should be soldered to a continuous copper
ground plane under the device to reduce die temperature
and increase the power capability of the LT8334. Connect
power ground components to the exposed pad copper
exiting near the EN/UVLO and SW pins. Connect signal
ground components to the exposed pad copper exiting
near the VC and FBX pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com