Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMY Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMY
Description  This specification applies to MULTILAYER FERRITE CHIP BEADS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMY Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LMY Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LMY Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LMY Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LMY Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LMY Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LMY Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LMY Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LMY Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
6 Configuration and Dimensions:
7 ELECTRICAL CHARACTERISTICS:
Impedance
Impedance
Test Freq.
RDC
Rated
Current
(Ω)±25%
(Ω)±40%
(MHZ)
(Ω)Max.
(mA)Max.
LMY100505T-221Y-N
220
270
100/1000
0.55
450
LMY100505T-301Y-N
300
450
100/1000
0.55
350
LMY100505T-471Y-N
470
650
100/1000
0.6
300
LMY100505T-601Y-N
600
1000
100/1000
0.7
300
LMY100505T-102Y-N
1000
1400
100/1000
1.1
250
NOTE: tolerance Y=±25%
1.Operating temperature range
-55℃~125℃(Including self - temperature rise)
2.Rate Current : Applied the current to coils, the temperature rise shall not be more than 30
℃
3.Impedance Test OSC @200mV
"-N" FOR COMPLETELY LEAD FREE TYPE(INCLUDING FERRITE BODY & SOLDER)
Part No.
LMY Series
Rev :
www.leiditech.com
01.06.2018
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com