Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMY Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMY
Description  This specification applies to MULTILAYER FERRITE CHIP BEADS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMY Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LMY Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LMY Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LMY Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LMY Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LMY Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LMY Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LMY Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LMY Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
9 Reliability Of Ferrite Multilayer Chip Bead
1-1.Mechanical Performance
No
Item
Specification
1-1-1 Flexure Strength
The forces applied on the right
Test device shall be soldered on the substrate
conditions must not damage
Substrate Dimension: 100x40x1.6mm
the terminal electrode and the Deflection: 2.0mm
ferrite
Keeping Time: 30sec
*For 100505, substrate dimension is 100x40x0.8mm
1-1-2 Vibration
Test device shall be soldered on the substrate
Oscillation Frequency: 10 to 55 to 10Hz for 1min
Amplitude: 1.5mm
Time: 2hrs for each axis (X, Y & Z), total 6hrs
1-1-3 Resistance to Soldering Heat Appearance: No damage
Pre-heating: 150
℃, 1min
More than 75% of the terminal.Solder Composition: Sn/Ag3.0/Cu0.5(Pb-Free)
electrode should be covered
Solder Temperature: 260±5
℃
with solder.
Immersion Time: 10±1sec
Impedance : within ±30% of
initial value
1-1-4 Solder ability
The electrodes shall be at
Pre-heating: 150
℃, 1min
least 95% covered with new
Solder Composition: Sn/Ag3.0/Cu0.5(Pb-Free)
solder coating
Solder Temperature: 245±5
℃(Pb-Free)
Immersion Time: 4±1sec
1-1-5 Terminal Strength Test
No split termination
Test device shall be soldered on the substrate,
then apply a force in the direction of the arrow.
Force : 5N
Keeping Time: 10±1sec
1-2.Environmental Performance
No
Item
Specification
1-2-1 Temperature Cycle
Appearance: No damage
One cycle:
Impedance: within±30% of
Step
Temperature (
℃)
Time (min)
initial value
1
-55±3
30
2
25±2
3
3
125±3
30
4
25±2
3
Total: 100cycles
Measured after exposure in the room condition for 24hrs
1-2-2 Humidity Resistance
Temperature: 40±2
℃
Relative Humidity: 90 ~ 95% / Time: 1000hrs
Measured after exposure in the room condition for 24hrs
1-2-3 High
Temperature: 125±3
℃ / Relative Humidity: 0%
Temperature Resistance
Applied Current: Rated Current /Time: 1000hrs
Measured after exposure in the room condition for 24hrs
1-2-4 Low
Temperature: -55±3
℃
Temperature Resistance
Relative Humidity: 0% / Time: 1000hrs
Measured after exposure in the room condition for 24hrs
Test Method
Test Method
Mounting Pad
F
Chip
LMY Series
Rev :
www.leiditech.com
01.06.2018
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com