Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMY Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMY
Description  This specification applies to MULTILAYER FERRITE CHIP BEADS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMY Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LMY Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LMY Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LMY Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LMY Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LMY Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LMY Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LMY Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LMY Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 Scope:
2 Part Numbering: Product Identification
3 Rating:
-55℃~125℃(after PCB)
-5℃~40℃,Humidity 40%~70%(before PCB)
4 Marking:
5 Standard Testing Condition
Unless otherwise specified
In case of doubt
Temperature Ordinary Temperature(15 to 35
℃)
Humidity
Ordinary Humidity(25 to 85% RH)
This specification applies to MULTILAYER FERRITE CHIP BEADS
20±2
℃
60 to 70 % RH
Operating Temperature:
Storage Temperature:
-
-
-
-55℃
55℃
55℃
55℃~
~
~
~125℃
125℃
125℃
125℃(Including self - temperature rise)
LMY Series
LM
Rev :
www.leiditech.com
01.06.2018
1/8


Similar Part No. - LMY

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
LMY11D SUNLED-LMY11D Datasheet
184Kb / 4P
T-1 (3mm) SOLID STATE LAMP
LMY11W SUNLED-LMY11W Datasheet
184Kb / 4P
T-1 (3mm) SOLID STATE LAMP
LMY12D SUNLED-LMY12D Datasheet
181Kb / 4P
T-1 3/4 (5mm) SOLID STATE LAMP
LMY12W SUNLED-LMY12W Datasheet
181Kb / 4P
T-1 3/4 (5mm) SOLID STATE LAMP
More results

Similar Description - LMY

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DXW21BN7511 MURATA-DXW21BN7511 Datasheet
230Kb / 9P
This reference specification applies to Micro Chip Transformer
DXW21HN5011BL MURATA-DXW21HN5011BL Datasheet
266Kb / 9P
This reference specification applies to Micro Chip Transformer
logo
Shanghai Leiditech Elec...
LM160808T LEIDITECH-LM160808T Datasheet
1Mb / 9P
This specification applies to MULTILAYER FERRITE CHIP BEADS
LMPB201209T LEIDITECH-LMPB201209T Datasheet
813Kb / 6P
This specification applies to MULTILAYER FERRITE CHIP BEADS
UW21T-900M-N LEIDITECH-UW21T-900M-N Datasheet
842Kb / 6P
This specification applies to CUW FILTER
AWCU00453226513TT2 LEIDITECH-AWCU00453226513TT2 Datasheet
665Kb / 6P
This specification applies to CUW FILTER
LM100505T LEIDITECH-LM100505T Datasheet
784Kb / 7P
This specification applies to MULTILAYER FERRITE CHIP BEADS
LMPY160808T LEIDITECH-LMPY160808T Datasheet
764Kb / 5P
This specification applies to MULTILAYER FERRITE CHIP BEADS
LMUPY201209T-121Y-N LEIDITECH-LMUPY201209T-121Y-N Datasheet
1Mb / 6P
This specification applies to MULTILAYER FERRITE CHIP BEADS
logo
Murata Manufacturing Co...
BLM31PG330SN1L MURATA1-BLM31PG330SN1L Datasheet
297Kb / 9P
This reference specification applies to Chip Ferrite Bead BLM31_SN Series.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com