Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26LS31 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS26LS31
Description  QUAD HIGH SPEED DIFFERENTIAL LINE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26LS31 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS26LS31 Datasheet HTML 1Page - National Semiconductor (TI) DS26LS31 Datasheet HTML 2Page - National Semiconductor (TI) DS26LS31 Datasheet HTML 3Page - National Semiconductor (TI) DS26LS31 Datasheet HTML 4Page - National Semiconductor (TI) DS26LS31 Datasheet HTML 5Page - National Semiconductor (TI) DS26LS31 Datasheet HTML 6Page - National Semiconductor (TI) DS26LS31 Datasheet HTML 7Page - National Semiconductor (TI) DS26LS31 Datasheet HTML 8Page - National Semiconductor (TI) DS26LS31 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MILITARY DATA SHEET
MNDS26LS31M-X REV 0A0
(Absolute Maximum Ratings)
(Note 1)
Supply Voltage
7V
Input Voltage
7V
Output Voltage
5.5V
Output Voltage (Power OFF)
-0.25 to 6V
Maximum Power Dissipation @ 25 C
(Note 2)
1400mW
Cavity Package
1600mW
LCC Package
850mW
Flat Pack Package
Note 1:
Absolute Maximum Ratings are those values beyond which the safety of the device
cannot be guaranteed. They are not meant to imply that the devices should be operated
at these limits. The table of "Electrical Characteristics" provide conditions for
actual device operation.
Note 2:
Derate
CDip = 11.5mW/C, CLCC = 13.0mW/C, CerPak = 7.4mW/C above 25C.
Recommended Operating Conditions
Supply Voltage, Vcc
4.5V to 5.5V
Temperature, TA
-55 C to +125 C
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com