Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26LS31 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS26LS31
Description  QUAD HIGH SPEED DIFFERENTIAL LINE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26LS31 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS26LS31 Datasheet HTML 1Page - National Semiconductor (TI) DS26LS31 Datasheet HTML 2Page - National Semiconductor (TI) DS26LS31 Datasheet HTML 3Page - National Semiconductor (TI) DS26LS31 Datasheet HTML 4Page - National Semiconductor (TI) DS26LS31 Datasheet HTML 5Page - National Semiconductor (TI) DS26LS31 Datasheet HTML 6Page - National Semiconductor (TI) DS26LS31 Datasheet HTML 7Page - National Semiconductor (TI) DS26LS31 Datasheet HTML 8Page - National Semiconductor (TI) DS26LS31 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MNDS26LS31M-X REV 0A0
MILITARY DATA SHEET
Electrical Characteristics
AC PARAMETERS: PROPAGATION DELAY TIME:
(The following conditions apply to all the following parameters, unless otherwise specified.)
AC:
Vcc=5V, Cl=50pF or equivalent impedance provided by diode load.
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
tPLH
Input to Output
2, 3
15
nS
9
2, 3
30
nS
10, 11
tPHL
Input to Output
2, 3
15
nS
9
2, 3
30
nS
10, 11
Skew
Output to Output
2, 3
6
nS
9
2, 3
9
nS
10, 11
tLZ
Enable Time
S2 Open, Enable
2, 3
35
nS
9
2, 3
53
nS
10, 11
S2 Open, /Enable
2, 3
35
nS
9
2, 3
53
nS
10, 11
tHZ
Enable Time
S1 Open, Enable
2, 3
25
nS
9
2, 3
45
nS
10, 11
S1 Open, /Enable
2, 3
25
nS
9
2, 3
45
nS
10, 11
tZL
Disable Time
S2 Open, Enable
2, 3
30
nS
9
2, 3
68
nS
10, 11
S2 Open, /Enable
2, 3
30
nS
9
2, 3
68
nS
10, 11
tZH
Disable Time
S1 Open, Enable
2, 3
30
nS
9
2, 3
60
nS
10, 11
S1 Open, /Enable
2, 3
30
nS
9
2, 3
60
nS
10, 11
Note 1:
Parameter tested go-no-go only.
Note 2:
Subgroups 1,2 and 9,10:
Power dissipation must be externally controlled at elevated
temperatures.
Note 3:
SBGRP 10 and 11 guaranteed but not tested.
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com