Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26LS31 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS26LS31
Description  QUAD HIGH SPEED DIFFERENTIAL LINE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26LS31 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS26LS31 Datasheet HTML 1Page - National Semiconductor (TI) DS26LS31 Datasheet HTML 2Page - National Semiconductor (TI) DS26LS31 Datasheet HTML 3Page - National Semiconductor (TI) DS26LS31 Datasheet HTML 4Page - National Semiconductor (TI) DS26LS31 Datasheet HTML 5Page - National Semiconductor (TI) DS26LS31 Datasheet HTML 6Page - National Semiconductor (TI) DS26LS31 Datasheet HTML 7Page - National Semiconductor (TI) DS26LS31 Datasheet HTML 8Page - National Semiconductor (TI) DS26LS31 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MNDS26LS31M-X REV 0A0
MILITARY DATA SHEET
Electrical Characteristics
DC PARAMETERS
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Vih
Logical "1" Input
Voltage
1, 2
2
V
1, 2,
3
Vil
Logical "0" Input
Voltage
1, 2
.8
V
1, 2,
3
Voh
Logical "1"
Output Voltage
Vcc= 4.5V, Ioh= -20mA
2
2.5
V
1, 2,
3
Vol
Logical "0"
Output Voltage
Vcc= 4.5V, Iol=
20mA
2
.5
V
1, 2,
3
Iih
Logical "1" Input
Current
Vcc= 5.5V, Vin=2.7V
2
20
uA
1, 2,
3
Iil
Logical "0" Input
Current
Vcc= 5.5V, Vin= .4V
2
-200
uA
1, 2,
3
Ii
Input Reverse
Current
Vcc=5.5V, Vin=7V
2
.1
mA
1, 2,
3
Io
TRI-STATE Output
Current
Vcc=5.5V, Vo= .5V
2
-20
uA
1, 2,
3
Vcc=5.5V, Vo=2.5V
2
20
uA
1, 2,
3
Vic
Input Clamp
Voltage
Vcc=4.5V, Iin= -18mA
2
-1.5
V
1, 2,
3
Ios(min)
Output Short
Circuit Current
Vcc=5.5V
2
-30
mA
1, 2,
3
Ios(max)
Output Short
Circuit Current
Vcc=5.5V
2
-150
mA
1, 2,
3
Icc
Power Supply
Current
Vcc=5.5V,
All Outputs Disabled or Active
2
60
mA
1, 2,
3
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com