Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBL1JS Datasheet(PDF) 4 Page - FutureWafer Tech Co.,Ltd

Part # DBL1JS
Description  1.0A Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

DBL1JS Datasheet(HTML) 4 Page - FutureWafer Tech Co.,Ltd

  DBL1JS Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd DBL1JS Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd DBL1JS Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd DBL1JS Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd DBL1JS Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DBL1JS
1.0A Bridge Rectifier
www.futurewafer.com.tw
Document Number:F417231
25-Mar-2021 V 2.0
Package Information-DBF
Unit:mm
DBF
Symbol
Min
Max
A
6.2
6.5
B
9.6
10.3
C
5.0
5.2
D
8.13
8.51
E
2.35
2.45
F
1.02
1.2
G
0.22
0.33
H
1.02
1.53
I
0
0.3
J
1.8
2.1
Pad Layout
Symbol
Min
P1
8.73
P2
5.12
Q1
2.22
Q2
1.20
Unit:mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com