Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBL1JS Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # DBL1JS
Description  1.0A Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

DBL1JS Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  DBL1JS Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd DBL1JS Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd DBL1JS Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd DBL1JS Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd DBL1JS Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DBL1JS
1.0A Bridge Rectifier
www.futurewafer.com.tw
Document Number:F417231
25-Mar-2021 V 2.0
Feature List
●
Low Leakage
●
Surge Overload Rating:30A Peak
●
Rating to 1000V PRV
DBF
Mechanical Characteristics
●
Package
- DBF
●
Packing: Tape and Reel
●
Flammability rating UL 94V-0
●
Halogen Free
●
JEDEC MSL Classification :Level 1
4
-
1
+
~
~
Maximum Ratings@ TA = 25°C Unless Otherwise Specified
Parameter
Symbol
Test Condition
Value
Units
Min.
Max.
Repetitive Peak Reverse Voltage
V RRM
-
1000
-
V
Average Rectified Current @ 60HZ
Sine-Wave,TA = 40°C
I O
On Glass-Epoxy
Substrate
-
1
A
Surge Non-Repetitive Forward Current
I FSM
Tp = 8.3ms
-
30
Current Squared Time @
1ms≤t≤8.3ms,TJ=25°C ,
I 2t
Per Diode
-
3.7
A2S
Parameter
Symbol
Test Condition
Values
Unit
Min.
Typ.
Max.
Breakdown Voltage
V BR
IR = 500uA,Tj = 25°C
1000
-
-
V
Diode Forward Voltage
V F
IF = 1A,Tj = 25°C
-
0.55
1.00
Reverse Current
I R
VR = 1000V,Tj = 25°C
-
-
5
uA
Electrical Characteristics
Absolute Maximum Ratings
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Thermal Resistance, Junction-Lead
R thJL
-
15
-
°C/W
Thermal Resistance, Junction-Ambient
R thJA
-
68
-
Storage Temperature
T stg
-
55
150
°C
-
Junction Temperature
T j
Thermal Characteristics


Similar Part No. - DBL1JS

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DBL1009 DAEWOO-DBL1009 Datasheet
226Kb / 4P
PLL FM STEREO MULTIPLEX
logo
Yangzhou yangjie electr...
DBL101 YANGJIE-DBL101 Datasheet
157Kb / 4P
Bridge Rectifiers
logo
SAMYANG ELECTRONICS CO....
DBL101 SAMYANG-DBL101 Datasheet
1Mb / 3P
Bridge Rectifiers
logo
RFE international
DBL101 RFE-DBL101 Datasheet
915Kb / 3P
Bridge Rectifiers
03-02-2022
logo
Daewoo Semiconductor
DBL1010 DAEWOO-DBL1010 Datasheet
222Kb / 5P
DUAL PREAMPLIFIER
More results

Similar Description - DBL1JS

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
B40C1000 WTE-B40C1000 Datasheet
45Kb / 3P
1.0A BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBB10 SANYO-DBB10 Datasheet
40Kb / 2P
1.0A Single-Phase Bridge Rectifier
DBF10 SANYO-DBF10 Datasheet
38Kb / 2P
1.0A Single-Phase Bridge Rectifier
logo
Zibo Seno Electronic En...
DB101 ZSELEC-DB101 Datasheet
73Kb / 2P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
DF005 ZSELEC-DF005 Datasheet
85Kb / 2P
1.0A PASSIVATED BRIDGE RECTIFIER
DF005M ZSELEC-DF005M Datasheet
73Kb / 2P
1.0A PASSIVATED BRIDGE RECTIFIER
KBP101G ZSELEC-KBP101G Datasheet
338Kb / 2P
1.0A BRIDGE RECTIFIER
RS101 ZSELEC-RS101 Datasheet
84Kb / 2P
1.0A BRIDGE RECTIFIER
logo
FutureWafer Tech Co.,Lt...
ABS10 FUTUREWAFER-ABS10 Datasheet
734Kb / 4P
1.0A Bridge Rectifier
MB6S FUTUREWAFER-MB6S Datasheet
779Kb / 5P
1.0A Bridge Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com