Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBL1JS Datasheet(PDF) 5 Page - FutureWafer Tech Co.,Ltd

Part # DBL1JS
Description  1.0A Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

DBL1JS Datasheet(HTML) 5 Page - FutureWafer Tech Co.,Ltd

  DBL1JS Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd DBL1JS Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd DBL1JS Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd DBL1JS Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd DBL1JS Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DBL1JS
1.0A Bridge Rectifier
www.futurewafer.com.tw
Document Number:F417231
25-Mar-2021 V 2.0
Ordering Information
Part No.
Unit weight (g)
Quantity
Delivery Mode
Marking
DBL1JS
0.32
1,500pcs
13” Tape and Reel
DBL107S
History
Version
Date
File No.
Recording
Basis
A
22-Dec-2017
F417231
New Create
Market
B
22-Mar-2019
F417231
Update Company Information
System
2.0
25-Mar-2021
F417231
Update Version
System
Futurewafer Technology Co.,Ltd 台灣未來芯科技股份有限公司
Tel :+886-3-3350161/FAX :+886-3-3350172
cherry@futurewafer.com.tw
No. 286-14, Sec. 3, Sanmin Rd., Taoyuan Dist., Taoyuan City 330, Taiwan



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com