Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1689S/T&R Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1689S/T&R
Description  3V/5V Serialized Real-Time Clocks with NV RAM Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1689S/T&R Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1689S/T&R Datasheet HTML 4Page - Maxim Integrated Products DS1689S/T&R Datasheet HTML 5Page - Maxim Integrated Products DS1689S/T&R Datasheet HTML 6Page - Maxim Integrated Products DS1689S/T&R Datasheet HTML 7Page - Maxim Integrated Products DS1689S/T&R Datasheet HTML 8Page - Maxim Integrated Products DS1689S/T&R Datasheet HTML 9Page - Maxim Integrated Products DS1689S/T&R Datasheet HTML 10Page - Maxim Integrated Products DS1689S/T&R Datasheet HTML 11Page - Maxim Integrated Products DS1689S/T&R Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
DS1689/DS1693
8 of 36
Figure 2. DS1689 Real-Time Clock Address Map
TIME, CALENDAR, AND ALARM LOCATIONS
The time and calendar information is obtained by reading the appropriate register bytes shown in Table 1.
The time, calendar, and alarm are set or initialized by writing the appropriate register bytes. The contents
of the time, calendar, and alarm registers can be either Binary or Binary-Coded Decimal (BCD) format.
Table 1 shows the binary and BCD formats of the twelve time, calendar, and alarm locations that reside in
both bank 0 and in bank 1, plus the two extended registers that reside in bank 1 only (bank 0 and bank 1
switching will be explained later in this text).
Before writing the internal time, calendar, and alarm registers, the SET bit in Register B should be written
to a logic 1 to prevent updates from occurring while access is being attempted. Also at this time, the data
format (binary or BCD) should be set via the data mode bit (DM) of Register B. All time, calendar, and
alarm registers must use the same data mode. The set bit in Register B should be cleared after the data
mode bit has been written to allow the real-time clock to update the time and calendar bytes.
Once initialized, the real-time clock makes all updates in the selected mode. The data mode cannot be
changed without reinitializing the 10 data bytes. The 24/12 bit cannot be changed without reinitializing
the hour locations. When the 12-hour format is selected, the high order bit of the hours byte represents
PM when it is a logic 1. The time, calendar, and alarm bytes are always accessible because they are
double-buffered. Once per second the 10 bytes are advanced by one second and checked for an alarm
condition. If a read of the time and calendar data occurs during an update, a problem exists where
seconds, minutes, hours, etc. may not correlate. The probability of reading incorrect time and calendar
data is low. Several methods of avoiding any possible incorrect time and calendar reads are covered later
in this text.
The four alarm bytes can be used in two ways. First, when the alarm time is written in the appropriate
hours, minutes, and seconds alarm locations, the alarm interrupt is initiated at the specified time each day
if the alarm enable bit is high. The second use condition is to insert a “don’t care” state in one or more of
the four alarm bytes. The “don’t care” code is any hexadecimal value from C0 to FF. The two most
significant bits of each byte set the “don’t care” condition when at logic 1. An alarm will be generated
each hour when the “don’t care” bits are set in the hours byte. Similarly, an alarm is generated every



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com