Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1689S/T&R Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1689S/T&R
Description  3V/5V Serialized Real-Time Clocks with NV RAM Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1689S/T&R Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1689S/T&R Datasheet HTML 1Page - Maxim Integrated Products DS1689S/T&R Datasheet HTML 2Page - Maxim Integrated Products DS1689S/T&R Datasheet HTML 3Page - Maxim Integrated Products DS1689S/T&R Datasheet HTML 4Page - Maxim Integrated Products DS1689S/T&R Datasheet HTML 5Page - Maxim Integrated Products DS1689S/T&R Datasheet HTML 6Page - Maxim Integrated Products DS1689S/T&R Datasheet HTML 7Page - Maxim Integrated Products DS1689S/T&R Datasheet HTML 8Page - Maxim Integrated Products DS1689S/T&R Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
DS1689/DS1693
2 of 36
PIN DESCRIPTION
PIN
SO
EDIP
NAME
FUNCTION
1
1
VBAUX
Auxiliary Battery Supply. Auxiliary battery input required for
kickstart and wake-up features. This input also supports
clock/calendar and External NV RAM if VBAT is at lower voltage or
is not present. A standard +3V lithium cell or other energy source
can be used. Battery voltage must be held between +2.5V and +3.7V
for proper operation. If VBAUX is not going to be used it should be
grounded and auxiliary battery enable bit bank 1, register 4BH,
should = 0.
2, 3
—
X1, X2
Connections for Standard 32.768kHz Quartz Crystal. For greatest
accuracy, the DS1689 must be used with a crystal that has a
specified load capacitance of either 6pF or 12.5pF. The crystal select
(CS) bit in Extended Control Register 4B is used to select operation
with a 6pF or 12.5pF crystal. The crystal is attached directly to the
X1 and X2 pins. There is no need for external capacitors or resistors.
Note: X1 and X2 are very high-impedance nodes. It is recommended
that they and the crystal by guard-ringed with ground and that high-
frequency signals be kept away from the crystal area.
For more information on crystal selection and crystal layout
considerations, refer to Application Note 58: Crystal Considerations
with Dallas Real Time Clocks. The DS1689 can also be driven by an
external 32.768kHz oscillator. In this configuration, the X1 pin is
connected to the external oscillator signal and the X2 pin is floated.
4
4
RCLR
Active-Low RAM Clear Input. If enabled by software, taking
RCLR
low will result in the clearing of the 114 bytes of user RAM. When
enabled,
RCLR can be activated whether or not VCC is present.
5–12
5–12
AD0–AD7
Multiplexed Address/Data Bus. Multiplexed buses save pins because
address information and data information time-share the same signal
paths. The addresses are present during the first portion of the bus
cycle and the same pins and signal paths are used for data in the
second portion of the cycle. Address/data multiplexing does not slow
the access time of the DS1689 since the bus change from address to
data occurs during the internal RAM access time. Addresses must be
valid prior to the latter portion of ALE, at which time the
DS1689/DS1693 latches the address. Valid write data must be
present and held stable during the latter portion of the
WR pulse. In a
read cycle, the DS1689/
DS1693 outputs 8 bits of data during the latter portion of the
RD
pulse. The read cycle is terminated and the bus returns to a high
impedance state as
RD transitions high. The address/data bus also
serves as a bidirectional data path for the external extended RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com