Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1689S/T&R Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # DS1689S/T&R
Description  3V/5V Serialized Real-Time Clocks with NV RAM Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1689S/T&R Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button DS1689S/T&R Datasheet HTML 11Page - Maxim Integrated Products DS1689S/T&R Datasheet HTML 12Page - Maxim Integrated Products DS1689S/T&R Datasheet HTML 13Page - Maxim Integrated Products DS1689S/T&R Datasheet HTML 14Page - Maxim Integrated Products DS1689S/T&R Datasheet HTML 15Page - Maxim Integrated Products DS1689S/T&R Datasheet HTML 16Page - Maxim Integrated Products DS1689S/T&R Datasheet HTML 17Page - Maxim Integrated Products DS1689S/T&R Datasheet HTML 18Page - Maxim Integrated Products DS1689S/T&R Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
DS1689/DS1693
15 of 36
REGISTER C
MSB
LSB
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
IRQF
PF
AF
UF
0
0
0
0
Bit 7: IRQF (Interrupt Request Flag). This bit is set to 1 when one or more of the following are true:
PF = PIE = 1
WF = WIE = 1
AF = AIE = 1
KF = KSE = 1
UF = UIE = 1
RF = RIE = 1
i.e., IRQF = (PF
• PIE) + (AF • AIE) + (UF • UIE) + (WF • WIE) + (KF • KSE) + (RF • RIE)
Any time the IRQF bit is 1, the
IRQ pin is driven low. Flag bits PF, AF, and UF are cleared after Register
C is read by the program.
Bit 6: PF (Periodic Interrupt Flag). This bit is a read-only bit that is set to a 1 when an edge is detected
on the selected tap of the divider chain. The RS3–RS0 bits establish the periodic rate. PF is set to 1
independent of the state of the PIE bit. When both PF and PIE are 1s, the
IRQ signal is active and will set
the IRQF bit. The PF bit is cleared by a software read of Register C.
Bit 5: AF (Alarm Interrupt Flag). A 1 in the AF bit indicates that the current time has matched the
alarm time. If the AIE bit is also 1, the
IRQ pin goes low and a 1 appears in the IRQF bit. A read of
Register C clears AF.
Bit 4: UF (Update-Ended Interrupt Flag). This bit is set after each update cycle. When the UIE bit is
set to 1, the 1 in UF causes the IRQF bit to be 1, which asserts the
IRQ pin. UF is cleared by reading
Register C.
Bits 3 to 0: Unused. These bits always read 0 and cannot be written.
REGISTER D
MSB
LSB
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
VRT
0
0
0
0
0
0
0
Bit 7: VRT (Valid RAM and Time). This bit indicates the condition of the battery connected to the
VBAT pin or the battery connected to VBAUX, whichever is at a higher voltage. This bit is not writable and
should always be a 1 when read. If a 0 is ever present, an exhausted lithium energy source is indicated
and both the contents of the RTC data and RAM data are questionable.
Bits 6 to 0: Unused. These bits cannot be written and always read 0 when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com