Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6586JS Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM6586JS
Description  262,144-Word x 1-Bit Serial Register
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6586JS Datasheet(HTML) 4 Page - OKI electronic componets

  MSM6586JS Datasheet HTML 1Page - OKI electronic componets MSM6586JS Datasheet HTML 2Page - OKI electronic componets MSM6586JS Datasheet HTML 3Page - OKI electronic componets MSM6586JS Datasheet HTML 4Page - OKI electronic componets MSM6586JS Datasheet HTML 5Page - OKI electronic componets MSM6586JS Datasheet HTML 6Page - OKI electronic componets MSM6586JS Datasheet HTML 7Page - OKI electronic componets MSM6586JS Datasheet HTML 8Page - OKI electronic componets MSM6586JS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4/13
¡ Semiconductor
MSM6586
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Terminal Voltage
VT
Ta = 25°C, relative to VSS
–1.0 to +7.0
V
Output Short-Circuit Current
IOS
Ta = 25°C
50
mA
Power Dissipation
PD
Ta = 25°C
1
W
Operating Temperature
Top
—
0 to 70
°C
Storage Temperature
TSTG
—
–55 to +150
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
VCC
3.5
5.0
5.5
V
Supply Voltage
VSS
000
V
VIH
VCC – 0.5
VCC
VCC + 0.5
V
VIL
–0.5
0
+0.5
V
"H" Input Voltage
"L" Input Voltage
(Ta = 0 to 70°C)
ELECTRICAL CHARACTERISTICS
DC Characteristics
Parameter
Symbol
Condition
Min.
Max.
Unit
"H" Output Voltage
VOH
IOH = –0.5mA
VCC – 0.5
—
V
"L" Output Voltage
VOL
IOL = 0.5mA
—
0.4
V
Input Leakage Current
ILI
VI = 0V to VCC
–1
+1
mA
Output Leakage Current
ILO
VO = 0V to VCC
–1
+1
mA
Supply Current (in operating state)
ICC1
VCC = 4V, tRWC = 2µs
—
5
mA
Supply Current (FAM)
ICC3
VCC = 4V, tRWC = 0.4ms
—
15
mA
Supply Current (in standby state)
ICC2
VCC = 4V
—
100
mA
(VCC = 3.5V to 5.5V, Ta = 0 to 70°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com