Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6586JS Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM6586JS
Description  262,144-Word x 1-Bit Serial Register
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6586JS Datasheet(HTML) 1 Page - OKI electronic componets

  MSM6586JS Datasheet HTML 1Page - OKI electronic componets MSM6586JS Datasheet HTML 2Page - OKI electronic componets MSM6586JS Datasheet HTML 3Page - OKI electronic componets MSM6586JS Datasheet HTML 4Page - OKI electronic componets MSM6586JS Datasheet HTML 5Page - OKI electronic componets MSM6586JS Datasheet HTML 6Page - OKI electronic componets MSM6586JS Datasheet HTML 7Page - OKI electronic componets MSM6586JS Datasheet HTML 8Page - OKI electronic componets MSM6586JS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/13
¡ Semiconductor
MSM6586
GENERAL DESCRIPTION
The MSM6586 is a serial register in 262,144 words x 1 bit configuration featuring medium speed
operation with low power consumption.
The MSM6586 has a built-in internal address generator circuit allowing continuous serial read/write
operationbyexternalclockinput. Theinternaladdressisautomaticallyincrementedordecremented
by one by read/write operation. Address increment or decrement can be selected by external input.
Address designation in units of 1024 words in the direction of words is possible by an external serial
address input.
A refresh timer and refresh counter are built in to eliminate the need of the external refresh circuit
and to realize low power consumption.
18-pin plastic QFJ (PLCC) is used as the package and the operating temperature range is between
0
°C and 70°C.
The MSM6586 is suitable for storing large capacity data with battery backup. A solid state recording
and playback system can easily be constructed in combination with OKI’s voice synthesizer ICs.
FEATURES
• Configuration
: 262,144 x 1 bit
• Serial access operation
Serial access time
: 1.5 ms (3.0 ms)
Serial read/write cycle time
: 2.0 ms (4.0 ms)
Fast mode read/write cycle time
: 0.4 ms (0.4 ms)
Times in parentheses indicate ones in self-refresh mode.
• Low current consumption
: 100 mA max.
(for data holding, VCC = 4.0 V)
• Wide operating supply voltage range
: Single 3.5 to 5.5 V
• Auto-refresh/self-refresh changeable
• Package:
18-pin plastic QFJ (PLCC) (QFJ18-P-R290-1.27) (Product name : MSM6586JS)
¡ Semiconductor
MSM6586
262,144-Word x 1-Bit Serial Register
E2D0031-39-21
This version: Feb. 1999
Previous version: May. 1997


Similar Part No. - MSM6586JS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6585 OKI-MSM6585 Datasheet
275Kb / 16P
ADPCM Voice Synthesis IC
MSM6585MAZXXX OKI-MSM6585MAZXXX Datasheet
275Kb / 16P
ADPCM Voice Synthesis IC
MSM6585MBZXXX OKI-MSM6585MBZXXX Datasheet
275Kb / 16P
ADPCM Voice Synthesis IC
MSM6585RS OKI-MSM6585RS Datasheet
275Kb / 16P
ADPCM Voice Synthesis IC
MSM6587 OKI-MSM6587 Datasheet
179Kb / 14P
524,288-Word x 1-Bit Serial Register
More results

Similar Description - MSM6586JS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM534002E OKI-MSM534002E Datasheet
70Kb / 8P
262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM534022E OKI-MSM534022E Datasheet
70Kb / 8P
262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM534032E OKI-MSM534032E Datasheet
74Kb / 9P
262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM6684B OKI-MSM6684B Datasheet
117Kb / 10P
4,194,304-word x 1-bit Serial Register
MSM6685 OKI-MSM6685 Datasheet
84Kb / 9P
8,388,608-Word x 1-Bit Serial Register
MSM66V84B OKI-MSM66V84B Datasheet
124Kb / 11P
4,194,304-word x 1-bit Serial Register
MSM41256A OKI-MSM41256A Datasheet
699Kb / 13P
262,144-WORD x 1-BIT DYNAMIC RAM
MSM6587 OKI-MSM6587 Datasheet
179Kb / 14P
524,288-Word x 1-Bit Serial Register
MSM6685A OKI-MSM6685A Datasheet
102Kb / 10P
8,388,608-Word x 1-Bit Serial Register
MSM51C256A OKI-MSM51C256A Datasheet
751Kb / 15P
262,144-WORD X 1-BIT DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com