Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6586JS Datasheet(PDF) 12 Page - OKI electronic componets

Part # MSM6586JS
Description  262,144-Word x 1-Bit Serial Register
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6586JS Datasheet(HTML) 12 Page - OKI electronic componets

Back Button MSM6586JS Datasheet HTML 6Page - OKI electronic componets MSM6586JS Datasheet HTML 7Page - OKI electronic componets MSM6586JS Datasheet HTML 8Page - OKI electronic componets MSM6586JS Datasheet HTML 9Page - OKI electronic componets MSM6586JS Datasheet HTML 10Page - OKI electronic componets MSM6586JS Datasheet HTML 11Page - OKI electronic componets MSM6586JS Datasheet HTML 12Page - OKI electronic componets MSM6586JS Datasheet HTML 13Page - OKI electronic componets MSM6586JS Datasheet HTML 14Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12/13
¡ Semiconductor
MSM6586
Address Up/Down Select (AU/D)
Input pin for selecting the direction of automatic address updating.
When the TAS signal is input with the AU/D pin set to "H", the internal address counters are set to
the externally set address for X and to address 0 for Y. Then the address is incremented by 1 every
time RWCK is input.
When the TAS signal is input with the AU/D pin set to "L", the internal address counters are set to
the externally set address in the same way for X but set to address 1023 for Y.
Then the address is decremented by 1 every time RWCK is input. In either case, the X address is
automatically incremented or decremented by 1 when read/write operation for 1024 words ends.
The AU/D pin setting change is possible in any read/write cycle so long as the timing specifications
for tUDS, tUDH are satisfied.
Chip Select (CS)
Input pin for disabling all input and output pins. This pin enables parallel use of multiple MSM6586s
by connecting the data input and output pins.
Self/Auto Refresh Select (RS/A (TEST))
Pin for selecting a refresh mode in order to retain memory cell data.
If the RS/A pin is set to "L" level, the self-refresh mode is selected and no external refresh control is
required. If the RS/A pin is set to "H" level, the auto-refresh mode is selected and refresh operation
is required to retain memory cell data.
Refresh Clock Input (RFSH (TEST))
Input pin for controlling the external refresh when the auto refresh mode is selected.
When the auto-refresh mode is selected, 1024 refresh operations are required within 100ms via the
RFSH pin while the RWCK is at "H" level.
Fast Access Mode Select (FAM (TEST))
Pin for fast read/write operations.
Fast read/write is possible by keeping the FAMpin at "L" level. The fast access mode is set or released
by inputting "L" level or "H" level to the FAM pin when the RWCK pin is at "L" level, and when tFS
and tSS are satisfied.
When 1024-word data access is complete, be sure to insert a normal cycle in order to increment or
decrement the X address.
When the fast access mode is set, the address increment/decrement switching with the AU/D pin
is not available.
Test (TEST, TEST)
The TEST pin is fixed to "L" level.
The TEST pin is fixed to "H" level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com