Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6587JS Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM6587JS
Description  524,288-Word x 1-Bit Serial Register
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6587JS Datasheet(HTML) 5 Page - OKI electronic componets

  MSM6587JS Datasheet HTML 1Page - OKI electronic componets MSM6587JS Datasheet HTML 2Page - OKI electronic componets MSM6587JS Datasheet HTML 3Page - OKI electronic componets MSM6587JS Datasheet HTML 4Page - OKI electronic componets MSM6587JS Datasheet HTML 5Page - OKI electronic componets MSM6587JS Datasheet HTML 6Page - OKI electronic componets MSM6587JS Datasheet HTML 7Page - OKI electronic componets MSM6587JS Datasheet HTML 8Page - OKI electronic componets MSM6587JS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
¡ Semiconductor
MSM6587
5/13
AC Characteristics
Parameter
Symbol
Min.
Max.
Min.
Max.
Unit
MSM6587-SELF
MSM6587-AUTO
———
100
Refresh Cycle
tREF
ms
4,000
—
2,000
—
Read/Write Cycle Time
tRWC
ns
—
3,000
—
1,500
Access Time
tACC
ns
050050
Output Turn-off Delay Time
tOFF
ns
350350
Input Signal Rise/Fall Time
tT
ns
1,000
—
500
—
RWCK Precharge Time
tRWP
ns
3,000
10,000
1,500
10,000
RWCK Pulse Width
tRW
ns
100
—
100
—
SAS Cycle Time
tSSC
ns
50—50—
SAS Precharge Time
tSAP
ns
50—50—
SAS Pulse Width
tSAS
ns
0—0—
Address Setup Time
tAS
ns
50—50—
Address Hold Time
tAH
ns
50—50—
TAS Setup Time
tATS
ns
50—50—
TAS to RWCK Setup Time
tTRS
ns
50—50—
TAS Pulse Width
tTAS
ns
0—0—
Read Command Setup Time
tRRS
ns
250
—
250
—
Read Command Hold Time
tRRH
ns
0—0—
Write Command Setup Time
tWRS
ns
50—50—
Write Command Hold Time
tWRH
ns
50—50—
Write Command Pulse Width
tWP
ns
50—50—
WE to RWCK Lead Time
tRWL
ns
0—0—
Data Setup Time
tDS
ns
50—50—
Data Hold Time
tDH
ns
100
—
100
—
RWCK to WE Delay Time
tRWD
ns
0—0—
AU/D Setup Time
tUDS
ns
50—50—
AU/D Hold Time
tUDH
ns
0—0—
AU/D to TAS Setup Time
tRFS
ns
—
—
500
—
RFSH Setup Time
tRFP
ns
—
—
500
—
RFSH Precharge Time
tRF
ns
—
—
1,500
10,000
RFSH Pulse Width
tRRP
ns
—
—
500
—
RFSH RWCK Precharge Time
tFC
ns
400
—
400
—
Fast RWCK Precharge Time
tFAC
ns
—
300
—
300
Fast RWCK Mode Cycle
tFCP
ns
100
—
100
—
Fast Mode Access Time
tFR
ns
300
—
300
—
Fast RWCK Mode Cycle Time
tFS
ns
0—0—
Fast Mode Setup Time
tFH
ns
50—50—
Fast Mode Hold Time
ns
(VCC = 3.5 V to 5.5 V, Ta = 0 to 70°C)
tUDTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com