Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6587JS Datasheet(PDF) 12 Page - OKI electronic componets

Part # MSM6587JS
Description  524,288-Word x 1-Bit Serial Register
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6587JS Datasheet(HTML) 12 Page - OKI electronic componets

Back Button MSM6587JS Datasheet HTML 6Page - OKI electronic componets MSM6587JS Datasheet HTML 7Page - OKI electronic componets MSM6587JS Datasheet HTML 8Page - OKI electronic componets MSM6587JS Datasheet HTML 9Page - OKI electronic componets MSM6587JS Datasheet HTML 10Page - OKI electronic componets MSM6587JS Datasheet HTML 11Page - OKI electronic componets MSM6587JS Datasheet HTML 12Page - OKI electronic componets MSM6587JS Datasheet HTML 13Page - OKI electronic componets MSM6587JS Datasheet HTML 14Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
¡ Semiconductor
MSM6587
12/13
Chip Select (CS)
Input pin for disabling all input and output pins. This pin enables parallel use of multiple MSM6587s
by connecting the data input and output pins.
Self/Auto Refresh Select (RS/A (TEST))
Pin for selecting a refresh mode in order to retain memory cell data.
If the RS/A pin is set to "L" level, the self-refresh mode is selected and no external refresh control is
required. If the RS/A pin is set to "H" level, the auto-refresh mode is selected and refresh operation
is required to retain memory cell data.
Refresh Clock Input (RFSH (TEST))
Input pin for controlling the external refresh when the auto refresh mode is selected.
When the auto-refresh mode is selected, 1024 refresh operations are required within 100ms via the
RFSH pin while the RWCK is at "H" level.
Fast Access Mode Select (FAM (TEST))
Pin for fast read/write operations. Fast read/write is possible by keeping the FAM pin at "L" level.
The fast access mode is set or released by inputting "L" level or "H" level to the FAM pin when the
RWCK pin is at "L" level, and when tFS and tSS are satisfied.
When 1024-word data access is complete, be sure to insert a normal cycle in order to increment or
decrement the X address.
Test (TEST, TEST)
The TEST pin is fixed to "L" level.
The TEST pin is fixed to "H" level.
Turning the power ON
To stabilize the device, it is required to pause for over 100ms after the VCC reaches the specified
voltage. Then it is needed to add eight or more RWCK cycles (read cycles or pseudo data write
cycles).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com