Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6587JS Datasheet(PDF) 11 Page - OKI electronic componets

Part # MSM6587JS
Description  524,288-Word x 1-Bit Serial Register
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6587JS Datasheet(HTML) 11 Page - OKI electronic componets

Back Button MSM6587JS Datasheet HTML 6Page - OKI electronic componets MSM6587JS Datasheet HTML 7Page - OKI electronic componets MSM6587JS Datasheet HTML 8Page - OKI electronic componets MSM6587JS Datasheet HTML 9Page - OKI electronic componets MSM6587JS Datasheet HTML 10Page - OKI electronic componets MSM6587JS Datasheet HTML 11Page - OKI electronic componets MSM6587JS Datasheet HTML 12Page - OKI electronic componets MSM6587JS Datasheet HTML 13Page - OKI electronic componets MSM6587JS Datasheet HTML 14Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
¡ Semiconductor
MSM6587
11/13
FUNCTIONAL DESCRIPTION
Serial Address Input (SAD)
Pin for inputting the start address for read/write. Address data can be input in units of 1024 words.
The 1,024 address data can be input as 10-bit (A0-A9) serial from the SAD pin. (A0-A8 has enable
address, A9 keeps "L".)
Serial Address Strobe (SAS)
Pin for the clock used to store the serial address data into the internal register.
Address Transfer Strobe (TAS)
Input pin for setting the serial address data stored in the address register to the internal address
counter.
When the TAS falls, and the Y address is set to address 0 in the increment mode or to address
1023 in the decrement mode.
Read/Write Clock (RWCK)
Input pin for the data register information read/write clock.
Internal operation starts at the falling edge of RWCK. The information in the data register is output
to the DOUT pin in the read mode, and the information at the DIN pin is written into the data register
in the write mode. The internal address counter is automatically incremented or decremented also
when RWCK falls.
Write Enable (WE)
Input pin for selecting the read mode, write mode or read modify write mode.
The read mode is set when WE is "H", and the write mode is set when WE is "L". When WE falls from
"H" to "L" while RWCK is active, the read modify write mode is set.
Data Input (DIN)
Input pin for write data.
The information at the data input pin is stored at the falling edge of RWCK in the write mode, and
at the falling edge of WE in the read modify write mode.
Data Output (DOUT)
The data output pin is always kept in the high impedance state when RWCK or CS is kept at "H".
When "H" or "L" information is read in the read operation, the output pin is set to "H" or "L" and holds
thereadinformationuntilRWCK isagainsetto"H".Intheearlywritemodetheoutputpinmaintains
the high impedance state, so I/O common operation by connecting DIN and DOUT is possible.
Address Up/Down Select (AU/D)
Input pin for selecting the direction of automatic address updating.
When the TAS signal is input with the AU/D pin set to "H", the internal address counters are set to
the externally set address for X and to address 0 for Y. Then the address is incremented by 1 every
time RWCK is input.
When the TAS signal is input with the AU/D pin set to "L", the internal address counters are set to
the externally set address in the same way for X but set to address 1023 for Y. Then the address is
decremented by 1 every time RWCK is input. In either case, the X address is automatically
incremented or decremented by 1 when read/write operation for 1024 words ends. The AU/D pin
setting change is possible in any read/write cycle so long as the timing specifications for tUDS, tUDH
are satisfied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com