Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM66579 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM66579
Description  16-Bit Microcontroller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66579 Datasheet(HTML) 2 Page - OKI electronic componets

  MSM66579 Datasheet HTML 1Page - OKI electronic componets MSM66579 Datasheet HTML 2Page - OKI electronic componets MSM66579 Datasheet HTML 3Page - OKI electronic componets MSM66579 Datasheet HTML 4Page - OKI electronic componets MSM66579 Datasheet HTML 5Page - OKI electronic componets MSM66579 Datasheet HTML 6Page - OKI electronic componets MSM66579 Datasheet HTML 7Page - OKI electronic componets MSM66579 Datasheet HTML 8Page - OKI electronic componets MSM66579 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
PEDL66579-03
1Semiconductor
MSM66579 Family
2/37
FEATURES
Name
MSM66577L
MSM66577
MSM66579L
Operating temperature
–30°C to +70°C
Power supply voltage/
maximum frequency
V
DD = 2.4 to 3.6 V/f = 14 MHz VDD = 4.5 to 5.5 V/f = 30 MHz VDD = 2.4 to 3.6 V/f = 28 MHz
Minimum instruction
execution time
143 ns at 14 MHz
61 µs at 32.768 kHz
67 ns at 30 MHz
61 µs at 32.768 kHz
71 ns at 28 MHz
61 µs at 32.768 kHz
Internal ROM size
(max. external)
128 KB (1 MB)
Internal RAM size
(max. external)
4 KB (1 MB)
12 KB (1 MB)
I/O ports
74 I/O pins (with programmable pull-up resistors) 8 input-only pins
16-bit free running timer × 1ch
Compare out/capture input × 2ch
16-bit timer (auto reload/timer out) × 1ch
8-bit auto reload timer × 2ch (can also be used as 16-bit timer × 1ch)
8-bit auto reload timer × 1ch
8-bit auto reload timer × 3ch
(also functions as serial communication baud rate generator)
8-bit auto reload timer × 1ch (also functions as watchdog timer)
Watch timer (Real-timer counter) × 1ch
Timers
8-bit PWM × 4ch (can also be used as 16-bit PWM × 2ch)
Synchronous, with 32-byte FIFO × 2ch
Serial port
UART/Synchronous × 2ch
A/D converter
10-bit A/D converter × 8ch
D/A converter
8-bit D/A converter × 2ch
External interrupt
Non-maskable × 1ch
Maskable × 8ch
Interrupt priority
3 levels
Separate address and data busses/multiplexed address and data busses
Bus release function
Others
Dual clocks
Flash ROM version
MSM66Q577L
MSM66Q577
MSM66Q579L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com