Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM66579 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM66579
Description  16-Bit Microcontroller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66579 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM66579 Datasheet HTML 9Page - OKI electronic componets MSM66579 Datasheet HTML 10Page - OKI electronic componets MSM66579 Datasheet HTML 11Page - OKI electronic componets MSM66579 Datasheet HTML 12Page - OKI electronic componets MSM66579 Datasheet HTML 13Page - OKI electronic componets MSM66579 Datasheet HTML 14Page - OKI electronic componets MSM66579 Datasheet HTML 15Page - OKI electronic componets MSM66579 Datasheet HTML 16Page - OKI electronic componets MSM66579 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
PEDL66579-03
1Semiconductor
MSM66579 Family
13/37
ELELCTRICAL CHARACTERISTICS
DC Characteristics 1 (VDD = 4.5 to 5.5 V)
(V
DD = 4.5 to 5.5 V, Ta = –30 to +70°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
“H” input voltage
*1
0.44V
DD
—V
DD+0.3
“H” input voltage *2,*3,*4,*5,*6,*7
V
IH
—
0.80V
DD
—V
DD+0.3
“L” input voltage
*1
–0.3
—
0.16V
DD
“L” input voltage *2,*3,*4,*5,*6,*7
V
IL
—
–0.3
—
0.2V
DD
I
O = –400 µA
V
DD–0.4
—
—
“H” output voltage
*1, *4
I
O = –2.0 mA
V
DD–0.6
—
—
I
O = –200 µA
V
DD–0.4
—
—
“H” output voltage
*2
V
OH
I
O = –2.0 mA
V
DD–0.6
—
—
I
O = 3.2 mA
—
—
0.4
“L” output voltage
*1, *4
I
O = 10.0 mA
—
—
0.8
I
O = 1.6 mA
—
—
0.4
“L” output voltage
*2
V
OL
I
O = 5.0 mA
—
—
0.8
V
Input leakage current
*3, *6
—
—
1/–1
Input current
*5
—
—
1/–250
Input current
*7
I
IH/IIL
V
I = VDD/0 V
—
—
15/–15
µA
Output leakage current *1, *2, *4
I
LO
V
O = VDD/0 V
—
—
±10
µA
Pull-up resistance
Rpull
V
I = 0 V
25
50
100
k
Ω
Input capacitance
C
I
—5
—
Output capacitance
C
O
f = 1 MHz, Ta = 25°C
—7
—
pF
During A/D operation
—
—
4
mA
Analog reference supply current
I
REF
When A/D is stopped
—
—
10
µA
OSC is stopped,
XT is not used.
V
DD = 2 V, Ta = 25°C *8
—0.2
10
Supply current
(STOP mode)
I
DDS
OSC is stopped,
XT is not used. *8
—
1
100
µA
f = 30 MHz, No Load
—
40
60
mA
Supply current
(HALT mode)
I
DDH
f = 30 MHz, No Load
—
60
90
mA
Supply current
I
DD
f = 32.768 kHz, No Load
—
70
120
µA
*1: Applicable to P0
*5: Applicable to
RES
*2: Applicable to P1, P2, P4, P5, P6, P7, P8, P9,
*6: Applicable to SELMBUS,
EA, NMI
P10, P14, P15
*7: Applicable to OSC0
*3: Applicable to P12
*8: Ports used as inputs are at VDD or 0 V.
*4: Applicable to P3, p11
Other ports are unloaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com