Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM66579 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM66579
Description  16-Bit Microcontroller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66579 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM66579 Datasheet HTML 4Page - OKI electronic componets MSM66579 Datasheet HTML 5Page - OKI electronic componets MSM66579 Datasheet HTML 6Page - OKI electronic componets MSM66579 Datasheet HTML 7Page - OKI electronic componets MSM66579 Datasheet HTML 8Page - OKI electronic componets MSM66579 Datasheet HTML 9Page - OKI electronic componets MSM66579 Datasheet HTML 10Page - OKI electronic componets MSM66579 Datasheet HTML 11Page - OKI electronic componets MSM66579 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
PEDL66579-03
1Semiconductor
MSM66579 Family
8/37
PIN DESCRIPTIONS
In the Type column, “I” indicates an input pin, “O” indicates an output pin, and “I/O” indicates an I/O pin.
Description
Function
Symbol
Type
Primary function
Type
Secondary function
P0_0/D0 (AD0)
to
P0_7/D7 (AD7)
I/O
8-bit I/O port
10 mA sink capability
Pull-up resistors can be
specified for each individual bit
I/O
External memory access
Data I/O port
(Address output/data I/O port when
selecting a multiplexed bus)
P1_0/A8
to
P1_7/A15
I/O
8-bit I/O port
Pull-up resistors can be
specified for each individual bit
O
External memory access
Address output port
P2_0/A16
to
P2_3/A19
I/O
4-bit I/O port
Pull-up resistors can be
specified for each individual bit
O
External memory access
Address output port
P3_0/ALE
O
External memory access
Address latch enable signal
output pin
P3_1/PSEN
O
External program memory
access
Read strobe output pin
P3_2/RD
O
External memory access
Read strobe output pin
P3_3/WR
I/O
4-bit I/O port
10 mA sink capability
Pull-up resistors can be
specified for each individual bit
O
External memory access
Write strobe output pin
P4_0/A0
to
P4_7/A7
I/O
8-bit I/O port
Pull-up resistors can be
specified for each individual bit
O
External memory access
Address output port
(When selecting a separate bus
type)
P5_4/CPCM0
I/O
Capture 0 input / Compare
0 output pin
P5_5/CPCM1
I/O
Capture 1 input / Compare
1 output pin
P5_6/TM0OUT
O
Timer 0 timer output pin
P5_7/TM0EVT
I/O
4-bit I/O port
Pull-up resistors can be
specified for each individual bit
I
Timer 0 external event input pin
P6_0/EXINT0
I
External interrupt 0 input pin
P6_1/EXINT1
I
External interrupt 1 input pin
P6_2/EXINT2
I
External interrupt 2 input pin
P6_3/EXINT3
I
External interrupt 3 input pin
P6_4/TM1EVT
I
Timer1 external event input pin
P6_5/TM1OUT
O
Timer 1 timer output pin
P6_6/TM2EVT
I
Timer 2 external event pin
Port
P6_7/TM2OUT
I/O
8-bit I/O port
Pull-up resistors can be
specified for each individual bit
O
Timer 2 timer output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com