Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPS033 Datasheet(PDF) 5 Page - Texas Instruments

Part # DLPS033
Description  DLPR410 Configuration PROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPS033 Datasheet(HTML) 5 Page - Texas Instruments

  DLPS033 Datasheet HTML 1Page - Texas Instruments DLPS033 Datasheet HTML 2Page - Texas Instruments DLPS033 Datasheet HTML 3Page - Texas Instruments DLPS033 Datasheet HTML 4Page - Texas Instruments DLPS033 Datasheet HTML 5Page - Texas Instruments DLPS033 Datasheet HTML 6Page - Texas Instruments DLPS033 Datasheet HTML 7Page - Texas Instruments DLPS033 Datasheet HTML 8Page - Texas Instruments DLPS033 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Table 5-1. Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
VCCO2
C6
P
Positive supply voltage connected to the output voltage drivers and internal buffers.
CF
D1
I
Configuration pin. The CF pin must be pulled High using an external 4.7-kΩ pull-up
to VCCO. Selects serial mode configuration.
CEO
D2
—
Do Not Connect. Leave unconnected.
DNC
D3
—
Do Not Connect. Leave unconnected.
DNC
D4
—
Do Not Connect. Leave unconnected.
D3
D5
—
Do Not Connect. Leave unconnected.
VCCO4
D6
P
Positive supply voltage connected to the output voltage drivers and internal buffers.
VCCINT2
E1
P
Positive 1.8-V supply voltage for internal logic.
TMS
E2
I
JTAG Mode Select Input. TMS has an internal 50-kΩ resistive pull-up to VCCJ.
DNC
E3
—
Do Not Connect. Leave unconnected.
DNC
E4
—
Do Not Connect. Leave unconnected.
DNC
E5
—
Do Not Connect. Leave unconnected.
TDO
E6
O
JTAG Serial Data Output. TDO has an internal 50-kΩ resistive pull-up to VCCJ.
GND
F1
G
Ground
DNC
F2
—
Do Not Connect. Leave unconnected.
DNC
F3
—
Do Not Connect. Leave unconnected.
DNC
F4
—
Do Not Connect. Leave unconnected.
GND
F5
G
Ground
GND
F6
G
Ground
TDI
G1
I
JTAG Serial Data Input. TDI has an internal 50k-Ω resistive pull-up to VCCJ.
DNC
G2
—
Do Not Connect. Leave unconnected.
REV_SEL0
G3
I
Revision Select [1:0] Inputs. When the EN_EXT_SEL is Low, the Revision Select pins
are used to select the design revision to be enabled. The Revision Select [1:0] inputs
have an internal 50-kΩ resistive pull-up to VCCO. The REV_SEL0 pin must be pulled
Low using an external 4.7-kΩ pull-down to Ground. The REV_SEL1 pin must be
pulled Low using an external 4.7-kΩ pull-down to Ground.
REV_SEL1
G4
I
VCCO3
G5
P
Positive supply voltage connected to the output voltage drivers and internal buffers.
VCCINT3
G6
P
Positive 1.8-V supply voltage for internal logic.
GND
H1
G
Ground
VCCJ
H2
P
Positive 2.5-V JTAG I/O supply voltage connected to the TDO output voltage driver and
TCK, TMS and TDI input buffers.
TCK
H3
I
JTAG Clock Input. This pin is the JTAG test clock. It sequences the TAP controller and
all the JTAG test and programming electronics.
EN_EXT_SEL
H4
I
External Selection Input. EN_EXT_SEL has an internal 50-kΩ resistive pull- up to VCCO.
The EN_EXT_SEL pin must be connected to Ground.
D1
H5
—
Do Not Connect. Leave unconnected.
D0
H6
O
DATA output pin to provide data for configuring the DLPC410ZYR in serial mode.
(1)
P = Power, G = Ground, I = Input, O = Output
www.ti.com
DLPR410
DLPS027G – AUGUST 2012 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: DLPR410



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com