Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPS033 Datasheet(PDF) 1 Page - Texas Instruments

Part # DLPS033
Description  DLPR410 Configuration PROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPS033 Datasheet(HTML) 1 Page - Texas Instruments

  DLPS033 Datasheet HTML 1Page - Texas Instruments DLPS033 Datasheet HTML 2Page - Texas Instruments DLPS033 Datasheet HTML 3Page - Texas Instruments DLPS033 Datasheet HTML 4Page - Texas Instruments DLPS033 Datasheet HTML 5Page - Texas Instruments DLPS033 Datasheet HTML 6Page - Texas Instruments DLPS033 Datasheet HTML 7Page - Texas Instruments DLPS033 Datasheet HTML 8Page - Texas Instruments DLPS033 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
DLPR410 Configuration PROM
1 Features
• Pre-programmed Xilinx® PROM configures the
DLPC410ZYR DMD digital controller
• I/O pins compatible with 1.8 V to 3.3 V
• 1.8 V core supply voltage
• –40°C to 85°C operating temperature range
2 Applications
Lithography
• Direct imaging
• Flat panel display
• Printed circuit board manufacturing
Industrial
• 3D printing
• 3D scanners for machine vision
• Quality control
Displays
• 3D imaging
• Intelligent and adaptive lighting
• Augmented reality and information overlay
3 Description
The DLPR410 device is a programmed PROM used
to properly configure the DLPC410ZYR Controller
to operate five different digital micromirror device
(DMD) options: DLP650LNIRFYL, DLP7000FLP,
DLP7000UVFLP, DLP9500FLN and, DLP9500UVFLN
DMDs. The firmware in this device enables the
DLPC410ZYR Controller to provide system data
throughput rates up to 48 Gigabits per second
(Gbps) with the options for random row addressing
and Load4 capabilities. Often this family of chips is
designed into high speed UV and NIR optical systems
such as direct imaging lithography, 3D printing and
laser marking equipment that need fast throughput
and pixel accurate control.
Get started with TI DLP® light-control technology
page to learn how to get started with the
DLPC410ZYR. The DLP advanced light control
resources on ti.com accelerate time to market, which
include evaluation modules, reference designs, optical
modules manufacturers, and DLP design network
partners.
Device Information(1)
PART
NUMBER
PACKAGE
BODY SIZE (NOM)
DLPR410
DSBGA (48)
8.00 mm × 9.00 mm × 1.20 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
DLPC410ZYR
SCP Bus
LVDS Data Bus(C,D)
Power Management
OSC
DLPA200 Control
DLPR410
JTAG
DLPC410 Info Signals
Control Signals
Row, Block Signals
LVDS Data Bus
LEDs / LASERs /
Lamp
PWMs/Triggers
LED/LASER/Lamp Driver
DLPA200
MBRST
Op cal Sensor
Op cal Power Sense
LVDS Data Bus(A,B)
DLPA200 Control
DLPA200
MBRST
D0
Clk
DONE
OE
TI Components
DMDs
DLP650LNIR
DLP7000
DLP7000UV
DLP9500
DLP9500UV
Figure 3-1. Simplified Application
DLPR410
DLPS027G – AUGUST 2012 – REVISED AUGUST 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DLPS033

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPS037 TI2-DLPS037 Datasheet
986Kb / 55P
DLP6500 0.65 1080p MVSP S600 DMD
REVISED OCTOBER 2016
More results

Similar Description - DLPS033

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X2402PI XICOR-X2402PI Datasheet
327Kb / 10P
Electrically Erasable PROM
logo
LANSDALE Semiconductor ...
HL0512 LANSDALE-HL0512 Datasheet
2Mb / 4P
Bipolar Prom
logo
Rhombus Industries Inc.
T-31201 RHOMBUS-IND-T-31201 Datasheet
30Kb / 1P
Single Configuration / Dual Configuration
logo
Texas Instruments
DLPR100 TI1-DLPR100 Datasheet
234Kb / 15P
DLP짰 Configuration PROM for DLPC100
DLPR410 TI1-DLPR410 Datasheet
421Kb / 18P
Configuration PROM
DLPR910 TI1-DLPR910 Datasheet
250Kb / 16P
Configuration PROM
logo
Xilinx, Inc
DS541 XILINX-DS541 Datasheet
925Kb / 27P
Defense Grade Platform Flash In-System Programmable Configuration PROM
logo
Texas Instruments
DLPR910 TI1-DLPR910_17 Datasheet
299Kb / 17P
Configuration PROM
logo
LANSDALE Semiconductor ...
HL0512 LANSDALE-HL0512_08 Datasheet
2Mb / 4P
Bipolar Prom
logo
Texas Instruments
DLPR410 TI1-DLPR410_18 Datasheet
264Kb / 17P
Configuration PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com