Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPS033 Datasheet(PDF) 12 Page - Texas Instruments

Part # DLPS033
Description  DLPR410 Configuration PROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPS033 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DLPS033 Datasheet HTML 8Page - Texas Instruments DLPS033 Datasheet HTML 9Page - Texas Instruments DLPS033 Datasheet HTML 10Page - Texas Instruments DLPS033 Datasheet HTML 11Page - Texas Instruments DLPS033 Datasheet HTML 12Page - Texas Instruments DLPS033 Datasheet HTML 13Page - Texas Instruments DLPS033 Datasheet HTML 14Page - Texas Instruments DLPS033 Datasheet HTML 15Page - Texas Instruments DLPS033 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
8.2.2 Detailed Design Procedure
The DMDs are designed to be operated by the DLPC410ZYR Digital Controller:
• The DLP7000FLP and DLP9500FLN DMDs are well suited for visible light applications requiring fast, spatially
programmable light patterns using the micromirror array.
• The DLP7000UVFLP and DLP9500UVFLN DMDs are well suited for direct imaging lithography, 3D printing
applications, and other applications requiring ultraviolet light (UVA).
• The DLP650LNIRFYL DMD enables high-power NIR laser illumination for dynamic digital printing, sintering
and marking solutions.
Connections between the DLPC410ZYR Digital Controller, the DLPR410 Configuration PROM, and the
DLPA200 DMD micromirror driver(s) must follow the layout guidelines for reliability.
8.2.3 Application Curves
Figure 8-2. DLP7000 and DLP9500 Transmittance
(Visible Window)
Figure 8-3. DLP7000UV and DLP9500UV
Transmittance (UV Window)
Wavelength (nm)
600
800
1000
1200
1400
1600
1800
2000
0
20
40
60
80
100
AOI = 0°
Figure 8-4. DLP650LNIR Transmittance (NIR Window)
DLPR410
DLPS027G – AUGUST 2012 – REVISED AUGUST 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPR410



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com