Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2302 Datasheet(PDF) 21 Page - OKI electronic componets

Part # ML2302
Description  Recording and Playback LSI with Built-in 2-Bit ADPCM2 Supported FIFO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2302 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button ML2302 Datasheet HTML 16Page - OKI electronic componets ML2302 Datasheet HTML 17Page - OKI electronic componets ML2302 Datasheet HTML 18Page - OKI electronic componets ML2302 Datasheet HTML 19Page - OKI electronic componets ML2302 Datasheet HTML 20Page - OKI electronic componets ML2302 Datasheet HTML 21Page - OKI electronic componets ML2302 Datasheet HTML 22Page - OKI electronic componets ML2302 Datasheet HTML 23Page - OKI electronic componets ML2302 Datasheet HTML 24Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
FEDL2302DIGEST-05
OKI Semiconductor
ML2302
21/24
PACKAGE DIMENSIONS
TQFP64-P-1010-0.50-K
Mirror finish
Package material
Epoxy resin
Lead frame material
42 alloy
Pin treatment
Solder plating (
≥5µm)
Package weight (g)
0.26 TYP.
5
Rev. No./Last Revised
4/Oct. 28, 1996
Notes for Mounting the Surface Mount Type Package
The surface mount type packages are very susceptible to heat in reflow mounting and humidity absorbed in storage.
Therefore, before you perform reflow mounting, contact Oki’s responsible sales person for the product name,
package name, pin number, package code and desired mounting conditions (reflow method, temperature and
times).
(Unit: mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com