Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2302 Datasheet(PDF) 13 Page - OKI electronic componets

Part # ML2302
Description  Recording and Playback LSI with Built-in 2-Bit ADPCM2 Supported FIFO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2302 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button ML2302 Datasheet HTML 9Page - OKI electronic componets ML2302 Datasheet HTML 10Page - OKI electronic componets ML2302 Datasheet HTML 11Page - OKI electronic componets ML2302 Datasheet HTML 12Page - OKI electronic componets ML2302 Datasheet HTML 13Page - OKI electronic componets ML2302 Datasheet HTML 14Page - OKI electronic componets ML2302 Datasheet HTML 15Page - OKI electronic componets ML2302 Datasheet HTML 16Page - OKI electronic componets ML2302 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
FEDL2302DIGEST-05
OKI Semiconductor
ML2302
13/24
FIFO Memory Configuration
The ML2302 has two FIFO memories; one is for recording and other is for playback.
The configuration of FIFO memory can be changed with a command. Select a FIFO configuration considering
buffering times.
Initially, FIFO memory for recording and FIFO memory for playback each is provided with 1024 bits (128 words
× 8 bits).
ML2302 cannot command recording and playback at the same time.
1. Combination of FIFO memory capacities
Table 1.3.1 shows the combination of FIFO memory capacities in recording and playback modes.
Table 1.3.1
Mode
Capacity
Recording
Playback
1024 bits
128 w
× 8 bits
128 w
× 8 bits
*Initial value
512 bits
64 w
× 8 bits
64 w
× 8 bits
256 bits
32 w
× 8 bits
32 w
× 8 bits
2. Voice synthesis algorithms and maximum buffering times
Table 1.3.2 shows the maximum buffering times when the FIFO capacity is 1024 bits and the sampling frequency
is 8 kHz.
Table 1.3.2
Mode
Voice
synthesis algorithm
Recording
Playback
4-bit OKIADPCM
32 ms
32 ms
4-bit OKIADPCM2
32 ms
32 ms
5/6/7/8-bit OKIADPCM2
16 ms
16 ms
2-bit OKIADPCM2
64 ms
64 ms
8-bit straight PCM
16 ms
16 ms
16-bit straight PCM
8 ms
8 ms
8-bit OKI Non-linear PCM
Note)
16 ms
Note: The 8-bit OKI Non-linear PCM algorithm cannot be used during recording.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com