Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2165ACPZ-1.2-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP2165ACPZ-1.2-R7
Description  5.5 V, 5 A/6 A, High Efficiency, Step-Down DC-to-DC Regulators with Output Tracking
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2165ACPZ-1.2-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP2165ACPZ-1.2-R7 Datasheet HTML 4Page - Analog Devices ADP2165ACPZ-1.2-R7 Datasheet HTML 5Page - Analog Devices ADP2165ACPZ-1.2-R7 Datasheet HTML 6Page - Analog Devices ADP2165ACPZ-1.2-R7 Datasheet HTML 7Page - Analog Devices ADP2165ACPZ-1.2-R7 Datasheet HTML 8Page - Analog Devices ADP2165ACPZ-1.2-R7 Datasheet HTML 9Page - Analog Devices ADP2165ACPZ-1.2-R7 Datasheet HTML 10Page - Analog Devices ADP2165ACPZ-1.2-R7 Datasheet HTML 11Page - Analog Devices ADP2165ACPZ-1.2-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ADP2165/ADP2166
Data Sheet
Rev. B | Page 8 of 23
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VPVIN = VAVIN = 5 V, VOUT = 1.2 V, L = 1 µH, CIN = 47 µF, COUT = 100 µF, fSW = 600 kHz, unless otherwise noted.
100
50
55
60
65
70
75
80
85
90
95
0
1
2
3
4
5
6
OUTPUT CURRENT (A)
VOUT = 1.0V
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
INDUCTOR: WÜRTH ELEKTRONIK 744311100
Figure 5. Efficiency (fSW = 600 kHz, VPVIN = 3.3 V) vs. Output Current
100
50
55
60
65
70
75
80
85
90
95
0
1
2
3
4
5
6
OUTPUT CURRENT (A)
VOUT = 1.0V
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
INDUCTOR: WÜRTH ELEKTRONIK 744314047
Figure 6. Efficiency (fSW = 1.2 MHz, VPVIN = 3.3 V) vs. Output Current
2.3
2.2
2.1
2.0
1.9
1.8
1.7
1.6
1.5
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VPVIN (V)
–40ºC
+25ºC
+125ºC
Figure 7. Quiescent Current vs. VPVIN (No Switching)
100
50
55
60
65
70
75
80
85
90
95
0
1
2
3
4
5
6
OUTPUT CURRENT (A)
VOUT = 1.0V
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
INDUCTOR: WÜRTH ELEKTRONIK 744311100
Figure 8. Efficiency (fSW = 600 kHz, VPVIN = 5 V) vs. Output Current
100
50
55
60
65
70
75
80
85
90
95
0
1
2
3
4
5
6
OUTPUT CURRENT (A)
VOUT = 1.0V
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
INDUCTOR: WÜRTH ELEKTRONIK 744314047
Figure 9. Efficiency (fSW = 1.2 MHz, VPVIN = 5 V) vs. Output Current
40
35
30
25
20
15
10
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VPVIN (V)
–40ºC
+25ºC
+125ºC
Figure 10. Shutdown Current vs. VPVIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com