Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2165ACPZ-1.2-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP2165ACPZ-1.2-R7
Description  5.5 V, 5 A/6 A, High Efficiency, Step-Down DC-to-DC Regulators with Output Tracking
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2165ACPZ-1.2-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP2165ACPZ-1.2-R7 Datasheet HTML 8Page - Analog Devices ADP2165ACPZ-1.2-R7 Datasheet HTML 9Page - Analog Devices ADP2165ACPZ-1.2-R7 Datasheet HTML 10Page - Analog Devices ADP2165ACPZ-1.2-R7 Datasheet HTML 11Page - Analog Devices ADP2165ACPZ-1.2-R7 Datasheet HTML 12Page - Analog Devices ADP2165ACPZ-1.2-R7 Datasheet HTML 13Page - Analog Devices ADP2165ACPZ-1.2-R7 Datasheet HTML 14Page - Analog Devices ADP2165ACPZ-1.2-R7 Datasheet HTML 15Page - Analog Devices ADP2165ACPZ-1.2-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
ADP2165/ADP2166
Data Sheet
Rev. B | Page 12 of 23
THEORY OF OPERATION
The ADP2165/ADP2166 are step-down, dc-to-dc regulators.
They use a current mode architecture with an integrated high-side
and low-side switch. They target high performance applications
that require high efficiency and design simplicity.
The ADP2165/ADP2166 can operate with an input voltage from
2.7 V to 5.5 V and regulate the output voltage down to 0.6 V.
Additional features for flexible design include programmable
switching frequency, programmable soft start, external
compensation, and enable and power-good pins. The
ADP2165/ADP2166 are also available with preset output
voltage options of 3.3 V, 2.5 V, 1.8 V, 1.5 V, 1.2 V, and 1.0 V.
CONTROL SCHEME
The ADP2165/ADP2166 use a fixed frequency, current mode
PWM control architecture for good line and load transient
performance. In fixed frequency PWM mode, adjust the duty
cycle of the integrated MOSFET to regulate the output voltage
that has a low output ripple voltage.
PWM MODE
At the start of each oscillator cycle, the high-side NFET (N-
channel MOSFET) switch turns on and transmits a positive
voltage across the inductor. Current in the inductor increases
until the current sense signal crosses the peak inductor current
level set by the voltage on the COMP pin. The high-side NFET
then turns off, and the low-side NFET synchronous rectifier
then turns on. This puts a negative voltage across the inductor,
causing the inductor current to decrease. The synchronous
rectifier stays on for the rest of the cycle.
ENABLE/SHUTDOWN
The EN input pin has a precision analog threshold of 1.2 V
(typical) with 100 mV of hysteresis. When the enable voltage
exceeds 1.2 V, the regulator turns on, and when it falls below
1.1 V (typical), the regulator turns off. To force the devices to
automatically start when input power is applied, connect the EN
pin to the PVIN pin.
When the ADP2165/ADP2166 are shut down, the soft start
capacitor discharges. When the devices are reenabled, a new
soft start cycle begins.
If the EN pin is not externally connected, an internal pull-down
resistor (1 MΩ) prevents an accidental enable.
INTERNAL REGULATOR (VREG)
The internal regulator provides a stable supply for the internal
control circuits. It is recommended to place a 1 μF ceramic
capacitor between the VREG and GND pins. The internal
regulator also includes a current-limit circuit to protect the
circuit if the maximum external load is added.
The AVIN pin provides the power supply for the internal regulator.
When device is enabled, the internal regulator is active.
BOOTSTRAP CIRCUITRY
The ADP2165/ADP2166 integrate the boot regulator to provide
the gate drive voltage for the high-side NFET. A capacitor between
the BST and SW pins is charged from the PVIN pin while the
low-side NFET is on.
Placing an X7R or X5R 0.1 μF ceramic capacitor between the
BST and SW pins is recommended.
OSCILLATOR AND SYNCHRONIZATION
The switching frequency of the ADP2165/ADP2166 can be set
by connecting a resistor between the RT pin and the GND pin.
Use the following equation to set the switching frequency:
RRT (kΩ) = 60,000/[fSW (kHz) + 10] − 5
A 191 kΩ resistor sets the frequency to 300 kHz, and a 93.1 kΩ
resistor sets frequency to 600 kHz. Figure 29 shows the typical
relationship between RRT and fSW.
1600
1400
1200
1000
800
600
200
400
20
40
180
160
140
120
100
80
60
RRT (kΩ)
Figure 29. Frequency (fSW) vs. RT Resistor
To synchronize the ADP2165/ADP2166, drive an external clock
at the SYNC pin. The frequency of the external clock can be in
the 250 kHz to 1.4 MHz range.
During the synchronization, the RT pin can be used to program
the phase shift. When the RT pin is connected to the VREG pin,
the rising edge of the SW pin is 180° out of phase with the external
clock. If the RT pin is floating, the rising edge of the SW pin is in
phase with the external clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com