Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2165ACPZ-1.2-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP2165ACPZ-1.2-R7
Description  5.5 V, 5 A/6 A, High Efficiency, Step-Down DC-to-DC Regulators with Output Tracking
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2165ACPZ-1.2-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP2165ACPZ-1.2-R7 Datasheet HTML 15Page - Analog Devices ADP2165ACPZ-1.2-R7 Datasheet HTML 16Page - Analog Devices ADP2165ACPZ-1.2-R7 Datasheet HTML 17Page - Analog Devices ADP2165ACPZ-1.2-R7 Datasheet HTML 18Page - Analog Devices ADP2165ACPZ-1.2-R7 Datasheet HTML 19Page - Analog Devices ADP2165ACPZ-1.2-R7 Datasheet HTML 20Page - Analog Devices ADP2165ACPZ-1.2-R7 Datasheet HTML 21Page - Analog Devices ADP2165ACPZ-1.2-R7 Datasheet HTML 22Page - Analog Devices ADP2165ACPZ-1.2-R7 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Data Sheet
ADP2165/ADP2166
Rev. B | Page 21 of 23
REFERENCE DESIGNS
See Figure 33 through Figure 36 for the detailed reference designs.
ADP2165/
ADP2166
BST
FB
COMP
PGOOD
GND
VREG
SYNC
TRK
RT
SS
L1
0.82µH
SW
PGND
EN
PVIN
CIN
47µF
16V
VPVIN = 5V
CBST
0.1µF
COUT
470µF
6.3V
VOUT = 1.2V
RTOP
10kΩ
RBOT
10kΩ
CC
1.5nF
RC
33kΩ
CSS
22nF
AVIN
CVREG
1µF
CCP
33pF
Figure 33. 1.2 V, 5 A/6 A, 620 kHz by Floating the RT Pin Step-Down Regulator Application
ADP2165/
ADP2166
BST
FB
COMP
PGOOD
GND
VREG
RT
TRK
SYNC
SS
L1
0.6µH
SW
PGND
EN
PVIN
CIN
47µF
16V
VPVIN = 5V
CBST
0.1µF
COUT
100µF
6.3V
VOUT = 1.8V
RTOP
20kΩ
RBOT
10kΩ
CC
680pF
RC
27kΩ
CSS
22nF
AVIN
CVREG
1µF
CCP
3.3pF
1.2MHz
EXT CLOCK
Figure 34. 1.8 V, 5 A/6 A Step-Down Regulator Application, Synchronized to 1.2 MHz, 180° Out of Phase with the External Clock
ADP2165/
ADP2166
BST
FB
COMP
PGOOD
GND
VREG
TRK
RT
SYNC
SS
L1
0.82µH
SW
PGND
EN
PVIN
CIN
47µF
16V
VPVIN = 5V
CBST
0.1µF
COUT
100µF
6.3V
VOUT = 3.3V
RTOP
10kΩ
RBOT
2.21kΩ
CC
680pF
RC
51kΩ
CSS
22nF
AVIN
CVREG
1µF
CCP
1.8pF
RTRKT
10kΩ
RTRKB
2.21kΩ
VMASTER
Figure 35. 3.3 V, 5 A/6 A, 1.2 MHz Step-Down Regulator Application, Tracking Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com