Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2165ACPZ-1.8-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP2165ACPZ-1.8-R7
Description  5.5 V, 5 A/6 A, High Efficiency, Step-Down DC-to-DC Regulators with Output Tracking
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2165ACPZ-1.8-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP2165ACPZ-1.8-R7 Datasheet HTML 14Page - Analog Devices ADP2165ACPZ-1.8-R7 Datasheet HTML 15Page - Analog Devices ADP2165ACPZ-1.8-R7 Datasheet HTML 16Page - Analog Devices ADP2165ACPZ-1.8-R7 Datasheet HTML 17Page - Analog Devices ADP2165ACPZ-1.8-R7 Datasheet HTML 18Page - Analog Devices ADP2165ACPZ-1.8-R7 Datasheet HTML 19Page - Analog Devices ADP2165ACPZ-1.8-R7 Datasheet HTML 20Page - Analog Devices ADP2165ACPZ-1.8-R7 Datasheet HTML 21Page - Analog Devices ADP2165ACPZ-1.8-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
ADP2165/ADP2166
Data Sheet
Rev. B | Page 18 of 23
OUTPUT CAPACITOR SELECTION
The output capacitor is required to meet both the output voltage
ripple and load transient response requirements.
To meet the output voltage ripple requirement, use the following
equation to calculate the ESR and capacitance value of the output
capacitor:
COUT_RIPPLE =
RIPPLE
OUT
S
L
V
f
I
_
8
∆
×
×
∆
RESR =
L
RIPPLE
OUT
I
V
∆
∆
_
This calculation results in COUT_RIPPLE = 14 µF and RESR = 7.4 mΩ.
To meet the ±5% overshoot and undershoot transient
requirements, use the following equations to calculate the
capacitance:
COUT_OV =
2
2
_
2
)
(
OUT
OV
OUT
OUT
STEP
OV
V
V
V
L
I
K
−
∆
+
×
∆
×
COUT_UV =
UV
OUT
OUT
PVIN
STEP
UV
V
V
V
L
I
K
_
2
)
(
2
∆
×
−
×
×
∆
×
where:
KOV = KUV = 2, the coefficients for estimation purposes.
∆ISTEP = 4 A, the load transient step.
∆VOUT_OV = 5% × VOUT, the overshoot voltage.
∆VOUT_UV = 5% × VOUT, the undershoot voltage.
This calculation results in COUT_OV = 100 µF and COUT_UV = 33 µF.
According to the calculation, the output capacitance must be
greater than 100 µF, and the ESR of the output capacitor must be
smaller than 7.4 mΩ. It is recommended that one 100 µF, X5R,
6.3 V ceramic capacitor and one 47 µF, X5R, 6.3 V ceramic
capacitor be used, such as the GRM32ER60J107ME20 and
GRM32ER60J476ME20 from Murata, with an ESR of 2 mΩ.
COMPENSATION COMPONENTS
For better load transient and stability performance, set the cross
frequency, fC, to fSW/10. In this case, fSW is running at 1200 kHz;
therefore, the fC is set to 120 kHz.
The 100 µF and 47 µF ceramic output capacitors have a derated
value of 62 µF and 32 µF.
RC =
A/V
10
μs
500
V
0.6
kHz
120
μF
94
V
1.2
π
2
×
×
×
×
×
×
= 28.35 kΩ
CC =
kΩ
28.35
μF
94
Ω)
0.002
Ω
(0.2
×
+
= 669.8 pF
CCP =
kΩ
28.35
μF
94
Ω
0.002 ×
= 6.63 pF
Choose standard components as follows: RC = 27 kΩ, CC = 680 pF,
and CCP = 4.7 pF.
SOFT START TIME PROGRAM
The soft start feature allows the output voltage to ramp up in a
controlled manner, eliminating output voltage overshoot during
soft start and limiting the inrush current. Set the soft start time
to 4 ms.
CSS =
V
6
.
0
μA
5
.
3
ms
4
6
.
0
_
_
×
=
×
UP
SS
EXT
SS
I
t
= 23.3 nF
Choose a standard component value as follows: CSS = 22 nF.
INPUT CAPACITOR SELECTION
A minimum 22 µF ceramic capacitor must be placed near the
PVIN pin. In this application, it is recommended that one 47 µF,
X5R, 16 V ceramic capacitor be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com