Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2165ACPZ-1.8-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP2165ACPZ-1.8-R7
Description  5.5 V, 5 A/6 A, High Efficiency, Step-Down DC-to-DC Regulators with Output Tracking
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2165ACPZ-1.8-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP2165ACPZ-1.8-R7 Datasheet HTML 15Page - Analog Devices ADP2165ACPZ-1.8-R7 Datasheet HTML 16Page - Analog Devices ADP2165ACPZ-1.8-R7 Datasheet HTML 17Page - Analog Devices ADP2165ACPZ-1.8-R7 Datasheet HTML 18Page - Analog Devices ADP2165ACPZ-1.8-R7 Datasheet HTML 19Page - Analog Devices ADP2165ACPZ-1.8-R7 Datasheet HTML 20Page - Analog Devices ADP2165ACPZ-1.8-R7 Datasheet HTML 21Page - Analog Devices ADP2165ACPZ-1.8-R7 Datasheet HTML 22Page - Analog Devices ADP2165ACPZ-1.8-R7 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Data Sheet
ADP2165/ADP2166
Rev. B | Page 19 of 23
RECOMMENDED EXTERNAL COMPONENTS
Table 8. Recommended External Components for Typical Applications with 6 A Output Current
fSW (kHz)
VPVIN (V)
VOUT (V)
L (µH)
COUT (µF)1
RTOP (kΩ)
RBOT (kΩ)
RC (kΩ)
CC (pF)
CCP (pF)
300
3.3
1
1.5
680 + 330
10
15
52.9
3300
134
3.3
1.2
1.5
680 + 47
10
10
44.7
3300
111
3.3
1.5
2.2
680
15
10
53.4
3300
89
3.3
1.8
2.2
470 + 100
20
10
50.1
3300
85
3.3
2.5
1.5
470 + 47
47.5
15
65.7
3300
61
5
1
1.5
680 + 330
10
15
52.9
3300
668
5
1.2
2.2
680 + 470
10
10
72.3
3300
64
5
1.5
2.2
680
15
10
53.4
3300
89
5
1.8
2.2
470
20
10
44.3
3300
85
5
2.5
3.3
330 + 47
47.5
15
47.4
3300
267
5
3.3
2.2
3 × 100
10
2.21
32.1
3300
12
600
3.3
1
0.6
330 + 47
10
15
45.5
1600
279
3.3
1.2
0.82
330 + 47
10
10
54.6
1500
232
3.3
1.5
0.82
2 × 100 + 47
15
10
29.4
1300
11
3.3
1.8
0.82
2 × 100
20
10
28.0
1300
9
3.3
2.5
0.6
2 × 100
47.5
15
39.0
1300
6
5
1
0.82
470 + 100
10
15
66.9
1300
64
5
1.2
0.82
330 + 47
10
10
54.6
1500
232
5
1.5
1
330
15
10
62.2
1500
186
5
1.8
1
2 × 100
20
10
28.0
1300
9
5
2.5
1.5
100 + 47
47.5
15
39.0
1300
6
5
3.3
1
100
10
2.21
25.7
1300
5
1200
3.3
1
0.33
2 × 100
10
15
31.2
680
8
3.3
1.2
0.47
2 × 100
10
10
37.4
680
7
3.3
1.5
0.47
100 + 47
15
10
35.4
680
5
3.3
1.8
0.47
100
20
10
28.0
680
4
3.3
2.5
0.33
100
47.5
15
39.0
680
3
5
1
0.47
330
10
15
82.9
680
139
5
1.2
0.47
2 × 100
10
10
37.4
680
7
5
1.5
0.47
100 + 47
15
10
35.4
680
5
5
1.8
0.6
100
20
10
28.0
680
4
5
2.5
0.6
100
47.5
15
19.6
680
3
5
3.3
0.6
100
10
2.21
51.4
680
2
1
680 µF: 2.5 V, KEMET T520D687M2R5ATE010; 470 µF: 2.5 V, KEMET T520D477M2R5ATE006; 330 µF: 2.5 V, KEMET T520D337M2R5ATE006; 220 µF: 2.5 V, KEMET
T520D227M2R5ATE007; 330 µF: 4 V, KEMET T520D337M004ATE006; 100 µF: 6.3 V, X5R, Murata GRM32ER60J107ME20; 47 µF: 6.3 V, X5R, Murata GRM32ER60J476ME20.
VOUT is higher than 1.5 V, and COUT must use a 4 V tantalum capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com