Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2165ACPZ-1.8-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP2165ACPZ-1.8-R7
Description  5.5 V, 5 A/6 A, High Efficiency, Step-Down DC-to-DC Regulators with Output Tracking
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2165ACPZ-1.8-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP2165ACPZ-1.8-R7 Datasheet HTML 15Page - Analog Devices ADP2165ACPZ-1.8-R7 Datasheet HTML 16Page - Analog Devices ADP2165ACPZ-1.8-R7 Datasheet HTML 17Page - Analog Devices ADP2165ACPZ-1.8-R7 Datasheet HTML 18Page - Analog Devices ADP2165ACPZ-1.8-R7 Datasheet HTML 19Page - Analog Devices ADP2165ACPZ-1.8-R7 Datasheet HTML 20Page - Analog Devices ADP2165ACPZ-1.8-R7 Datasheet HTML 21Page - Analog Devices ADP2165ACPZ-1.8-R7 Datasheet HTML 22Page - Analog Devices ADP2165ACPZ-1.8-R7 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
ADP2165/ADP2166
Data Sheet
Rev. B | Page 20 of 23
PRINTED CIRCUIT BOARD LAYOUT RECOMMENDATIONS
Good circuit board layout is essential for obtaining the best
performance from the ADP2165/ADP2166. Poor printed
circuit board (PCB) layout degrades the output regulation as
well as the electromagnetic interface (EMI) and electromagnetic
compatibility (EMC) performance. Figure 32 shows a PCB layout
example. For optimum layout, use the following guidelines:
•
Use separate analog ground and power ground planes.
Connect the ground reference of sensitive analog circuitry,
such as output voltage divider components, to analog
ground. In addition, connect the ground reference of
power components, such as input and output capacitors, to
power ground. Connect both ground planes to the exposed
pad of the ADP2165/ADP2166.
Place the input capacitor, inductor, and output capacitor as
close to the IC as possible and use short traces.
•
Ensure that the high current loop traces are as short and as
wide as possible. Make the high current path from the input
capacitor through the inductor, the output capacitor, and the
power ground plane back to the input capacitor as short as
possible. To accomplish this, ensure that the input and output
capacitors share a common power ground plane.
•
Connect the exposed pad of the ADP2165/ADP2166 to
a large copper plane to maximize its power dissipation
capability for better thermal dissipation.
Place the feedback resistor divider network as close as possible to
the FB pin to prevent noise pickup. Try to minimize the length of
the trace that connects the top of the feedback resistor divider
to the output while keeping the trace away from the high current
traces and the switching node to avoid noise pickup. To further
reduce noise pickup, place an analog ground plane on either side of
the FB trace and ensure that the trace is as short as possible to
reduce parasitic capacitance pickup.
GND
PGND
BST
PGND
PGND
SW
PVIN
PVIN
PVIN
GND
RTOP
CVREG
ANALOG GROUND PLANE
POWER GROUND PLANE
VOUT
PVIN
SW
CBST
INPUT
BULK
CAPACITOR
INPUT
BYPASS
CAPACITOR
INDUCTOR
OUTPUT
CAPACITOR
BOTTOM LAYER
TRACE
VIA
COPPER PLANE
AVIN
EN
VREG
PULL-UP
PGOOD
POWER GROUND
PLANE
Figure 32. Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com