Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4451YN Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC4451YN
Description  12A Peak Low-Side MOSFET Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4451YN Datasheet(HTML) 3 Page - Microchip Technology

  MIC4451YN Datasheet HTML 1Page - Microchip Technology MIC4451YN Datasheet HTML 2Page - Microchip Technology MIC4451YN Datasheet HTML 3Page - Microchip Technology MIC4451YN Datasheet HTML 4Page - Microchip Technology MIC4451YN Datasheet HTML 5Page - Microchip Technology MIC4451YN Datasheet HTML 6Page - Microchip Technology MIC4451YN Datasheet HTML 7Page - Microchip Technology MIC4451YN Datasheet HTML 8Page - Microchip Technology MIC4451YN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006616A-page 3
MIC4451/52
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage ..........................................................................................................................................................+20V
Input Voltage ................................................................................................................................ VS + 0.3V to GND – 5V
Input Current (VIN > VS)............................................................................................................................................5 mA
Power Dissipation (TA ≤ 25°C)
PDIP.................................................................................................................................................................960 mW
SOIC ..............................................................................................................................................................1040 mW
TO-220 .....................................................................................................................................................................2W
Power Dissipation (TCASE ≤ 25°C)
TO-220 ................................................................................................................................................................12.5W
Derating Factors (to Ambient)
PDIP.............................................................................................................................................................7.7 mW/°C
SOIC ............................................................................................................................................................8.3 mW/°C
TO-220 ..........................................................................................................................................................17 mW/°C
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability. Static-sensitive device. Store only in conductive containers. Handling personnel and
equipment should be grounded to prevent damage from static discharge.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: TA = +25°C, with 4.5V ≤ VS ≤ 18V unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Input
Logic 1 Input Voltage
VIH
2.4
1.3
—
V
—
Logic 0 Input Voltage
VIL
—
1.1
0.8
V
—
Input Voltage Range
VIN
–5
—
VS +
0.3
V
—
Input Current
IIN
–10
—
10
µA
0V ≤ VIN ≤ VS
Output
High Output Voltage
VOH
VS –
0.025
—
—
V
See Figure 1-1.
Low Output Voltage
VOL
—
—
0.025
V
See Figure 1-1.
Output Resistance,
Output High
RO
—
0.6
1.5
Ω
IOUT = 10 mA, VS = 18V
Output Resistance,
Output Low
RO
—
0.8
1.5
Ω
IOUT = 10 mA, VS = 18V
Peak Output Current
IPK
—
12
—
A
VS = 18V, see Figure 1-3
Continuous Output
Current
IDC
2
—
—
A
—
Latch-up Protection
Withstand Reverse
Current
IR
>1500
—
—
mA
Duty Cycle ≤ 2%, t ≤ 300 μs
Switching Time (Note 1)
Rise Time
tR
—
20
40
ns
See Figure 1-1. CL = 15,000 pF
Fall Time
tF
—
24
50
ns
See Figure 1-1. CL = 15,000 pF
Delay Time
tD1
—
25
50
ns
See Figure 1-1.
Delay Time
tD2
—
40
60
ns
See Figure 1-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com