Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4451YN Datasheet(PDF) 16 Page - Microchip Technology

Part # MIC4451YN
Description  12A Peak Low-Side MOSFET Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4451YN Datasheet(HTML) 16 Page - Microchip Technology

Back Button MIC4451YN Datasheet HTML 12Page - Microchip Technology MIC4451YN Datasheet HTML 13Page - Microchip Technology MIC4451YN Datasheet HTML 14Page - Microchip Technology MIC4451YN Datasheet HTML 15Page - Microchip Technology MIC4451YN Datasheet HTML 16Page - Microchip Technology MIC4451YN Datasheet HTML 17Page - Microchip Technology MIC4451YN Datasheet HTML 18Page - Microchip Technology MIC4451YN Datasheet HTML 19Page - Microchip Technology MIC4451YN Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
MIC4451/52
DS20006616A-page 16
2021 Microchip Technology Inc. and its subsidiaries
5-Lead TO-220 Package Outline and Recommended Land Pattern
SEATING
PLANE
TOP VIEW
SIDE VIEW
END VIEW
Microchip Technology Drawing C04-036 Rev D Sheet 1 of 2
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
5-Lead Transistor Outline Type LB03 (B8X) - [TO-220]
Micrel Legacy Package TO220-LB03-5LD-PL-1
D
E
0.15
B A
E
2
5X b
e
A
D1
Q
A1
1
2
1
(E2)
B
BOTTOM VIEW
A
(D2)
A2
12
5
34
(E1)
L
ØP
2
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com