Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4451YN Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC4451YN
Description  12A Peak Low-Side MOSFET Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4451YN Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC4451YN Datasheet HTML 8Page - Microchip Technology MIC4451YN Datasheet HTML 9Page - Microchip Technology MIC4451YN Datasheet HTML 10Page - Microchip Technology MIC4451YN Datasheet HTML 11Page - Microchip Technology MIC4451YN Datasheet HTML 12Page - Microchip Technology MIC4451YN Datasheet HTML 13Page - Microchip Technology MIC4451YN Datasheet HTML 14Page - Microchip Technology MIC4451YN Datasheet HTML 15Page - Microchip Technology MIC4451YN Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
MIC4451/52
DS20006616A-page 12
2021 Microchip Technology Inc. and its subsidiaries
In this instance, however, the RO required may be
either the ON resistance of the driver when its output is
in the high state, or its ON resistance when the driver is
in the low state, depending on how the inductor is
connected, and this is still only half the story. For the
part of the cycle when the inductor is forcing current
through the driver, dissipation is best described as:
EQUATION 4-5:
The two parts of the load dissipation must be summed
in to produce PL:
EQUATION 4-6:
4.8
Quiescent Power Dissipation
Quiescent power dissipation (PQ, as described in the
input section) depends on whether the input is high or
low. A low input will result in a maximum current drain
(per driver) of ≤0.2 mA; a logic high will result in a
current drain of ≤3.0 mA. Quiescent power can
therefore be derived from:
EQUATION 4-7:
4.9
Transition Power Dissipation
Transition power is dissipated in the driver each time its
output changes state because during the transition, for
a very brief interval, both the N- and P-channel
MOSFETs in the output totem-pole are ON
simultaneously and a current is conducted through
them from VS to ground. The transition power
dissipation is approximately:
EQUATION 4-8:
Total power (PD) then, as previously described is:
EQUATION 4-9:
4.10 Definitions
CL = Load Capacitance in Farads.
D = Duty Cycle expressed as the fraction of time the
input to the driver is high.
f = Operating Frequency of the driver in Hertz
IH = Power supply current drawn by a driver when both
inputs are high and neither output is loaded.
IL = Power supply current drawn by a driver when both
inputs are low and neither output is loaded.
ID = Output current from a driver in Amps.
PD = Total power dissipated in a driver in Watts.
PL = Power dissipated in the driver due to the driver’s
load in Watts.
PQ = Power dissipated in a quiescent driver in Watts.
PT = Power dissipated in a driver when the output
changes states (shoot-through current) in watts.
RO = Output resistance of a driver in Ohms.
VS = Power supply voltage to the IC in volts.
PL2 I VD
1 D
–
=
Where:
VD = The forward drop of the clamp diode in the driver
(generally around 0.7V).
PL PL1 PL2
+
=
PQ VS D IH
1 D
–
+
IL
=
Where:
IH = Quiescent current with input high.
IL = Quiescent current with input low.
D = Fraction of time the input is high (duty cycle).
VS = Power supply voltage.
PT 2 f
VS
A s
=
Where:
(A x s) = A time-current factor derived from Figure 2-6
PD PL PQ PT
+
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com