Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5075ACBZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP5075ACBZ-R7
Description  800 mA, DC-to-DC Inverting Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5075ACBZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP5075ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADP5075ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADP5075ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP5075ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP5075ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP5075ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP5075ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP5075ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP5075ACBZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ADP5075
Data Sheet
Rev. B | Page 6 of 19
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
1
AVIN
PVIN
SW
VREG
SLEW
SS
GND SYNC/FREQ EN
VREF
FB
COMP
A
B
C
D
23
BALL A1
INDICATOR
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin
No.
Mnemonic
Description
A1
AVIN
System Power Supply for the ADP5075.
A2
PVIN
Power Input for the Inverting Regulator.
A3
SW
Switching Node for the Inverting Regulator.
B1
VREG
Internal Regulator Output. Connect a 1.0 μF ceramic filter capacitor between the VREG pin and GND.
B2
SLEW
Driver Stage Slew Rate Control. The SLEW pin sets the slew rate for the FET driving the SW pin. For the fastest slew
rate (best efficiency), leave the SLEW pin open. For a normal slew rate, connect the SLEW pin to VREG. For the slowest
slew rate (best noise performance), connect the SLEW pin to ground.
B3
SS
Soft Start Programming. Leave the SS pin open to obtain the fastest soft start time. To program a slower soft start
time, connect a resistor between the SS pin and GND.
C1
GND
Ground.
C2
SYNC/FREQ
Frequency Setting and Synchronization Input. To set the switching frequency to 2.4 MHz, pull the SYNC/FREQ pin high. To
set the switching frequency to 1.2 MHz, pull the SYNC/FREQ pin low. To synchronize the switching frequency,
connect the SYNC/FREQ pin to an external clock.
C3
EN
Inverting Regulator Precision Enable. The EN pin is compared to an internal precision reference to enable the
inverting regulator output.
D1
VREF
Inverting Regulator Reference Output. Connect a 1.0 μF ceramic filter capacitor between the VREF pin and ground.
D2
FB
Feedback Input for the Inverting Regulator. Connect a resistor divider between the negative side of the inverting
regulator output capacitor and VREF to program the output voltage.
D3
COMP
Error Amplifier Compensation for the Inverting Regulator. Connect the compensation network between this pin and GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com