Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5075ACBZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP5075ACBZ-R7
Description  800 mA, DC-to-DC Inverting Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5075ACBZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP5075ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP5075ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP5075ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP5075ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP5075ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP5075ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP5075ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADP5075ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADP5075ACBZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ADP5075
Data Sheet
Rev. B | Page 8 of 19
0
10
20
30
40
50
60
70
90
80
0.001
0.01
0.1
CURRENT LOAD (A)
1.2MHz
2.4MHz
Figure 9. Efficiency vs. Current Load, VIN = 5 V, VNEG = −34 V, TA = 25°C
0
10
20
30
40
50
60
70
80
90
0.001
0.01
0.1
1
CURRENT LOAD (A)
–40°C
+25°C
+125°C
Figure 10. Efficiency vs. Current Load for Various Temperatures, VIN = 5 V,
VNEG = −15 V, fSW = 1.2 MHz
–0.50
–0.30
–0.10
0.10
0.30
0.50
0
2
4
6
8
10
12
14
16
VIN (V)
Figure 11. Line Regulation, VNEG = −5 V, fSW = 1.2 MHz, 15 mA Load, TA = 25°C
–0.50
–0.30
–0.10
0.10
0.30
0.50
OUTPUT CURRENT (A)
0
0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50
Figure 12. Load Regulation, VIN = 12 V, VNEG = −5 V, fSW = 1.2 MHz, TA = 25°C
0.80
0.82
0.84
0.86
0.88
0.90
0.92
0.94
0.96
0
2
4
6
8
10
12
16
14
VIN (V)
–40°C
+25°C
+125°C
Figure 13. Inductor Current Limit (ILIMIT) vs. Input Voltage (VIN) for Various
Temperatures
0
4
8
12
16
2
6
10
14
VIN (V)
TA = –40°C
TA = +25°C
TA = +125°C
2.24
2.29
2.34
2.39
2.44
2.49
2.54
Figure 14. Oscillator Frequency vs. Input Voltage (VIN) for Various
Temperatures, SYNC/FREQ Pin = High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com