Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5075ACBZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP5075ACBZ-R7
Description  800 mA, DC-to-DC Inverting Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5075ACBZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP5075ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADP5075ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADP5075ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADP5075ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADP5075ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADP5075ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADP5075ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADP5075ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADP5075ACBZ-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
Data Sheet
ADP5075
Rev. B | Page 19 of 19
OUTLINE DIMENSIONS
BOTTOM VIEW
(BALL SIDE UP)
A
B
C
D
0.660
0.600
0.540
1.65
1.61
1.57
2.22
2.18
2.14
1
2
3
0.360
0.320
0.280
0.50
BSC
BALL A1
IDENTIFIER
SEATING
PLANE
0.270
0.240
0.210
0.390
0.360
0.330
COPLANARITY
0.04
TOP VIEW
(BALL SIDE DOWN)
END VIEW
0.325
0.305
0.285
0.360
0.340
0.320
Figure 29. 12-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-12-11)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADP5075ACBZ-R7
−40°Cto+125°C
12-Ball Wafer Level Chip Scale Package [WLCSP]
CB-12-11
ADP5075CB-EVALZ
Evaluation Board
1
Z = RoHS Compliant Part.
©2015–2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D12819-0-9/17(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com